Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM341 Datasheet(PDF) 90 Page - Silicon Laboratories

Part # EM341
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341 Datasheet(HTML) 90 Page - Silicon Laboratories

Back Button EM341 Datasheet HTML 86Page - Silicon Laboratories EM341 Datasheet HTML 87Page - Silicon Laboratories EM341 Datasheet HTML 88Page - Silicon Laboratories EM341 Datasheet HTML 89Page - Silicon Laboratories EM341 Datasheet HTML 90Page - Silicon Laboratories EM341 Datasheet HTML 91Page - Silicon Laboratories EM341 Datasheet HTML 92Page - Silicon Laboratories EM341 Datasheet HTML 93Page - Silicon Laboratories EM341 Datasheet HTML 94Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 237 page
background image
EM341
Rev 1.0
91
8.6. UART—Universal Asynchronous Receiver/Transmitter
The SC1 UART is enabled by writing 1 to SC1_MODE. The SC2 serial controller does not include UART functions.
The UART supports the following features:

Flexible baud rate clock (300 bps to 921.6 kbps)

Data bits (7 or 8)

Parity bits (none, odd, or even)

Stop bits (1 or 2)

False start bit and noise filtering

Receive and transmit FIFOs

Optional RTS/CTS flow control

Receive and transmit DMA channels
8.6.1. GPIO Usage
The UART uses two signals to transmit and receive serial data:

TXD (Transmitted Data) - serial data sent by the EM341

RXD (Received Data) - serial data received by the EM341
If RTS/CTS flow control is enabled, these two signals are also used:

nRTS (Request To Send) - indicates the EM341 is able to receive data

nCTS (Clear To Send) - inhibits sending data from the EM341 if not asserted
The GPIO pins assigned to these signals are shown in Table 8.10.
Table 8.10. UART GPIO Usage
TXD
RXD
nCTS1
nRTS*
Direction
Output
Input
Input
Output
GPIO Configuration
Alternate
Output (push-pull)
Input
Input
Alternate
Output (push-pull)
SC1 pin
PB1
PB2
PB3
PB4
*Note: Only used if RTS/CTS hardware flow control is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com