Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM341 Datasheet(PDF) 68 Page - Silicon Laboratories

Part # EM341
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341 Datasheet(HTML) 68 Page - Silicon Laboratories

Back Button EM341 Datasheet HTML 64Page - Silicon Laboratories EM341 Datasheet HTML 65Page - Silicon Laboratories EM341 Datasheet HTML 66Page - Silicon Laboratories EM341 Datasheet HTML 67Page - Silicon Laboratories EM341 Datasheet HTML 68Page - Silicon Laboratories EM341 Datasheet HTML 69Page - Silicon Laboratories EM341 Datasheet HTML 70Page - Silicon Laboratories EM341 Datasheet HTML 71Page - Silicon Laboratories EM341 Datasheet HTML 72Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 237 page
background image
EM341
Rev 1.0
69
8.2. Configuration
Before using a serial controller, configure and initialize it as follows:
1. Set up the parameters specific to the operating mode (master/slave for SPI, baud rate for UART, etc.).
2. Configure the GPIO pins used by the serial controller as shown in Tables 8.1 and 8.2.
"7.2. Configuration" on page 49 shows how to configure GPIO pins.
3. If using DMA, set up the DMA and buffers. This is described fully in "8.7. DMA Channels" on page 99.
4. If using interrupts, select edge- or level-triggered interrupts with the SCx_INTMODE register, enable the
desired second-level interrupt sources in the INT_SCxCFG register, and finally enable the top-level SCx
interrupt in the NVIC.
5. Write the serial interface operating mode (SPI, TWI, or UART) to the SCx_MODE register.
Table 8.1. SC1 GPIO Usage and Configuration
PB1
PB2
PB3
PB4
SPI - Master
SC1MOSI
Alternate Output
(push-pull)
SC1MISO
Input
SC1SCLK
Alternate Output
(push-pull)
(not used)
SPI - Slave
SC1MISO
Alternate Output
(push-pull)
SC1MOSI
Input
SC1SCLK
Input
SC1nSSEL
Input
TWI - Master
SC1SDA
Alternate Output
(open-drain)
SC1SCL
Alternate Output
(open-drain)
(not used)
(not used)
UART
TXD
Alternate Output
(push-pull)
RXD
Input
nCTS
Input1
nRTS
Alternate Output
(push-pull)*
*Note: used if RTS/CTS hardware flow control is enabled.
Table 8.2. SC2 GPIO Usage and Configuration
PA0
PA1
PA2
PA3
SPI - Master
SC2MOSI
Alternate Output
(push-pull)
SC2MISO
Input
SC2SCLK
Alternate Output
(push-pull)
(not used)
SPI - Slave
SC2MOSI
Input
SC2MISO
Alternate Output
(push-pull)
SC2SCLK
Input
SC2nSSEL
Input
TWI - Master
(not used)
SC2SDA
Alternate Output
(open-drain)
SC2SCL
Alternate Output
(open-drain)
(not used)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com