Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM341 Datasheet(PDF) 98 Page - Silicon Laboratories

Part # EM341
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341 Datasheet(HTML) 98 Page - Silicon Laboratories

Back Button EM341 Datasheet HTML 94Page - Silicon Laboratories EM341 Datasheet HTML 95Page - Silicon Laboratories EM341 Datasheet HTML 96Page - Silicon Laboratories EM341 Datasheet HTML 97Page - Silicon Laboratories EM341 Datasheet HTML 98Page - Silicon Laboratories EM341 Datasheet HTML 99Page - Silicon Laboratories EM341 Datasheet HTML 100Page - Silicon Laboratories EM341 Datasheet HTML 101Page - Silicon Laboratories EM341 Datasheet HTML 102Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 237 page
background image
EM341
Rev 1.0
99
8.7. DMA Channels
The EM341 serial DMA channels enable efficient, high-speed operation of the SPI and UART controllers by
reducing the load on the CPU as well as decreasing the frequency of interrupts that it must service. The transmit
and receive DMA channels can transfer data between the transmit and receive FIFOs and the DMA buffers in main
memory as quickly as it can be transmitted or received. Once software defines, configures, and activates the DMA,
it only needs to handle an interrupt when a transmit buffer has been emptied or a receive buffer has been filled.
The DMA channels each support two memory buffers, labeled A and B, and can alternate ("ping-pong") between
them automatically to allow continuous communication without critical interrupt timing.
Note: DMA memory buffer terminology

load - make a buffer available for the DMA channel to use

pending - a buffer loaded but not yet active

active - the buffer that will be used for the next DMA transfer

unload - DMA channel action when it has finished with a buffer

idle - a buffer that has not been loaded, or has been unloaded
To use a DMA channel, software should follow these steps:
1. Reset the DMA channel by setting the SC_TXDMARST (or SC_RXDMARST) bit in the SCx_DMACTRL
register.
2. Set up the DMA buffers. The two DMA buffers, A and B, are defined by writing the start address to
SCx_TXBEGA/B (or SCx_RXBEGA/B) and the (inclusive) end address to SCx_TXENDA/B (or
SCx_RXENDA/B). Note that DMA buffers must be in RAM.
3. Configure and initialize SCx for the desired operating mode.
4. Enable second-level interrupts triggered when DMA buffers unload by setting the INT_SCTXULDA/B (or
INT_SCRXULDA/B) bits in the INT_SCxFLAG register.
5. Enable top-level NVIC interrupts by setting the INT_SCx bit in the INT_CFGSET register.
6. Start the DMA by loading the DMA buffers by setting the SC_TXLODA/B (or SC_RXLODA/B) bits in the
SCx_DMACTRL register.
A DMA buffer's end address, SCx_TXENDA/B (or SCx_RXENDA/B), can be written while the buffer is loaded or
active. This is useful for receiving messages that contain an initial byte count, since it allows software to set the
buffer end address at the last byte of the message.
As the DMA channel transfers data between the transmit or receive FIFO and a memory buffer, the DMA count
register contains the byte offset from the start of the buffer to the address of the next byte that will be written or
read. A transmit DMA channel has a single DMA count register (SCx_TXCNT) that applies to whichever transmit
buffer is active, but a receive DMA channel has two DMA count registers (SCx_RXCNTA/B), one for each receive
buffer. The DMA count register contents are preserved until the corresponding buffer, or either buffer in the case of
the transmit DMA count, is loaded, or until the DMA is reset.
The receive DMA count register may be written while the corresponding buffer is loaded. If the buffer is not loaded,
writing the DMA count register also loads the buffer while preserving the count value written. This feature can
simplify handling UART receive errors.
The DMA channel stops using a buffer and unloads it when the following is true:
(DMA buffer start address + DMA buffer count) > DMA buffer end address
Typically a transmit buffer is unloaded after all its data has been sent, and a receive buffer is unloaded after it is
filled with data, but writing to the buffer end address or buffer count registers can also cause a buffer to unload
early.
Serial controller DMA channels include additional features specific to the SPI and UART operation and are
described in those sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com