Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM341 Datasheet(PDF) 40 Page - Silicon Laboratories

Part # EM341
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341 Datasheet(HTML) 40 Page - Silicon Laboratories

Back Button EM341 Datasheet HTML 36Page - Silicon Laboratories EM341 Datasheet HTML 37Page - Silicon Laboratories EM341 Datasheet HTML 38Page - Silicon Laboratories EM341 Datasheet HTML 39Page - Silicon Laboratories EM341 Datasheet HTML 40Page - Silicon Laboratories EM341 Datasheet HTML 41Page - Silicon Laboratories EM341 Datasheet HTML 42Page - Silicon Laboratories EM341 Datasheet HTML 43Page - Silicon Laboratories EM341 Datasheet HTML 44Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 237 page
background image
EM341
40
Rev 1.0
6.3.3. Low-Frequency Internal RC Oscillator (OSCRC)
A low-frequency RC oscillator (OSCRC) is provided as an internal timing reference. The nominal frequency coming
out of reset is 10 kHz, and Ember software calibrates this clock to 10 kHz. From the tuned 10 kHz oscillator
(OSCRC) Ember software calibrates a fractional-N divider to produce a 1 kHz reference clock, CLK1K. Table 6.8
contains the specification for the low frequency RC oscillator.
Table 6.7. High-Frequency Crystal Oscillator Specification
Parameter
Test Conditions
Min Typ
Max
Unit
Frequency
—
24
—
MHz
Accuracy
–40
—
+40
ppm
Duty cycle
40
—
60
%
Start-up time at max bias
—
—
1
ms
Start up time at optimal bias
—
—
2
ms
Current consumption
—
200
300
μA
Current consumption at max bias
—
—
1
mA
Crystal with high ESR
—
—
100
Ω
Load capacitance
—
—
10
pF
Crystal capacitance
—
—
7
pF
Crystal power dissipation
—
—
200
µW
Crystal with low ESR
—
—
60
Ω
Load capacitance
—
—
18
pF
Crystal capacitance
—
—
7
pF
Crystal power dissipation
—
—
1
mW
Table 6.8. Low-Frequency RC Oscillator Specification
Parameter
Test Condition
Min
Typ
Max
Unit
Nominal frequency
After trimming
9
10
11
kHz
Analog trim step size
—
0.5
—
kHz
Supply dependence
For a voltage drop from 3.6 V to 3.1 V or 2.6 V to 2.1 V
(without re-calibration)
—
1
—
%
Temperature
dependence
Frequency variation with temperature for a change
from –40 to +85 oC
(without re-calibration)
—
2
—
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com