Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM341 Datasheet(PDF) 132 Page - Silicon Laboratories

Part # EM341
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341 Datasheet(HTML) 132 Page - Silicon Laboratories

Back Button EM341 Datasheet HTML 128Page - Silicon Laboratories EM341 Datasheet HTML 129Page - Silicon Laboratories EM341 Datasheet HTML 130Page - Silicon Laboratories EM341 Datasheet HTML 131Page - Silicon Laboratories EM341 Datasheet HTML 132Page - Silicon Laboratories EM341 Datasheet HTML 133Page - Silicon Laboratories EM341 Datasheet HTML 134Page - Silicon Laboratories EM341 Datasheet HTML 135Page - Silicon Laboratories EM341 Datasheet HTML 136Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 237 page
background image
EM341
Rev 1.0
133
9.3.10.1. A Special Case: OCy Fast Enable
In one-pulse mode, the edge detection on the TIy input sets the TIM_CEN bit, which enables the counter. Then the
comparison between the counter and the compare value toggles the output. However, several clock cycles are
needed for this operation, and it limits the minimum delay (tDELAY min) achievable.
To output a waveform with the minimum delay, set the TIM_OCyFE bit in the TIMx_CCMR1 register. Then
OCyREF and OCy are forced in response to the stimulus, without taking the comparison into account. Its new level
is the same as if a compare match had occurred. TIM_OCyFE acts only if the channel is configured in PWM mode
1 or 2.
9.3.11. Encoder Interface Mode
To select encoder interface mode, write TIM_SMS = 001 in the TIMx_SMCR register to count only TI2 edges,
TIM_SMS = 010 to count only TI1 edges, and TIM_SMS = 011 to count both TI1 and TI2 edges.
Select the TI1 and TI2 polarity by programming the TIM_CC1P and TIM_CC2P bits in the TIMx_CCER register. If
needed, program the input filter as well.
The two inputs TI1 and TI2 are used to interface to an incremental encoder (see Table 9.3). Assuming that it is
enabled (the TIM_CEN bit in the TIMx_CR1 register = 1), the counter is clocked by each valid transition on TI1FP1
or TI2FP2 (TI1 and TI2 after input filter and polarity selection, TI1FP1 = TI1 if not filtered and not inverted,
TI2FP2 = TI2 if not filtered and not inverted.) The timer input logic evaluates the sequence of the two inputs’
values, and from this generates both count pulses and the direction signal. Depending on the sequence, the
counter counts up or down, and hardware modifies the TIM_DIR bit in the TIMx_CR1 register accordingly. The
TIM_DIR bit is calculated at each transition on any input (TI1 or TI2), whether the counter is counting on TI1 only,
TI2 only, or both TI1 and TI2.
Encoder interface mode acts simply as an external clock with direction selection. This means that the counter
counts continuously between 0 and the auto-reload value in the TIMx_ARR register (0 to TIMx_ARR or TIMx_ARR
down to 0 depending on the direction), so TIMx_ARR must be configured before starting. In the same way, the
capture, compare, prescaler, and trigger output features continue to work as normal.
In this mode the counter is modified automatically following the speed and the direction of the incremental encoder,
and therefore its contents always represent the encoder’s position. The count direction corresponds to the rotation
direction of the connected sensor. Table 9.3 summarizes the possible combinations, assuming TI1 and TI2 do not
switch at the same time.
An external incremental encoder can be connected directly to the MCU without external interface logic. However,
comparators are normally used to convert an encoder’s differential outputs to digital signals, and this greatly
increases noise immunity. If a third encoder output indicates the mechanical zero (or index) position, it may be
connected to an external interrupt input and can trigger a counter reset.
Table 9.3. Counting Direction versus Encoder Signals
Active Edges
Level on
Opposite Signal
(TI1FP1 for TI2,
TI2FP2 for TI1)
TI1FP1 Signal
TI2FP2 Signal
Rising
Falling
Rising
Falling
Counting on TI1
only
High
Down
Up
No Count
No Count
Low
Up
Down
No Count
No Count
Counting on TI2
only
High
No Count
No Count
Up
Down
Low
No Count
No Count
Down
Up
Counting on TI1
and TI2
High
Down
Up
Up
Down
Low
Up
Down
Down
Up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com