Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM341 Datasheet(PDF) 161 Page - Silicon Laboratories

Part # EM341
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341 Datasheet(HTML) 161 Page - Silicon Laboratories

Back Button EM341 Datasheet HTML 157Page - Silicon Laboratories EM341 Datasheet HTML 158Page - Silicon Laboratories EM341 Datasheet HTML 159Page - Silicon Laboratories EM341 Datasheet HTML 160Page - Silicon Laboratories EM341 Datasheet HTML 161Page - Silicon Laboratories EM341 Datasheet HTML 162Page - Silicon Laboratories EM341 Datasheet HTML 163Page - Silicon Laboratories EM341 Datasheet HTML 164Page - Silicon Laboratories EM341 Datasheet HTML 165Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 237 page
background image
EM341
162
Rev 1.0
TIM1_ARR: Address: 0x4000E02C Reset: 0xFFFF
TIM2_ARR: Address: 0x4000F02C Reset: 0xFFFF
Register 9.10. TIMx_ARR
TIM1_ARR: Timer 1 Auto-Reload Register
TIM2_ARR: Timer 2 Auto-Reload Register
Bit
31
30
29
28
27
26
25
24
Name
0
0
0
0
0
0
0
0
Bit
23
22
21
20
19
18
17
16
Name
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
Name
TIM_ARR
Bit
7
6
5
4
3
2
1
0
Name
TIM_ARR
Bitname
Bitfield Access
Description
TIM_ARR
[15:0]
RW
TIM_ARR is the value to be loaded in the shadow auto-reload register.
The auto-reload register is buffered. Writing or reading the auto-reload reg-
ister accesses the buffer register. The content of the buffer register is trans-
fered in the shadow register permanently or at each UEV, depending on the
auto-reload buffer enable bit (TIM_ARBE) in TMRx_CR1 register. The UEV
is sent when the counter reaches the overflow point (or underflow point
when down-counting) and if the TIM_UDIS bit equals 0 in the TMRx_CR1
register. It can also be generated by software. The counter is blocked while
the auto-reload value is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com