Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM341 Datasheet(PDF) 191 Page - Silicon Laboratories

Part # EM341
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341 Datasheet(HTML) 191 Page - Silicon Laboratories

Back Button EM341 Datasheet HTML 187Page - Silicon Laboratories EM341 Datasheet HTML 188Page - Silicon Laboratories EM341 Datasheet HTML 189Page - Silicon Laboratories EM341 Datasheet HTML 190Page - Silicon Laboratories EM341 Datasheet HTML 191Page - Silicon Laboratories EM341 Datasheet HTML 192Page - Silicon Laboratories EM341 Datasheet HTML 193Page - Silicon Laboratories EM341 Datasheet HTML 194Page - Silicon Laboratories EM341 Datasheet HTML 195Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 237 page
background image
EM341
Rev 1.0
103
Figure 9.1. Peripheral Interrupts Block Diagram
Given a peripheral, “periph”, the Event Manager registers (INT_periphCFG and INT_periphFLAG) follow the form:

INT_periphCFG enables and disables second-level interrupts. Writing 1 to a bit in the INT_periphCFG
register enables the second-level interrupt. Writing 0 to a bit in the INT_periphCFG register disables it. The
INT_periphCFG register behaves like a mask, and is responsible for allowing the INT_periphFLAG bits to
propagate into the top-level NVIC interrupts.

INT_periphFLAG indicates second-level interrupts that have occurred. Writing 1 to a bit in a
INT_periphFLAG register clears the second-level interrupt. Writing 0 to any bit in the INT_periphFLAG
register is ineffective. The INT_periphFLAG register is always active and may be set or cleared at any time,
meaning if any second-level interrupt occurs, then the corresponding bit in the INT_periphFLAG register is
set regardless of the state of INT_periphCFG.
If a bit in the INT_periphCFG register is set after the corresponding bit in the INT_periphFLAG register is set then
the second-level interrupt propagates into the top-level interrupts. The interrupt flags (signals) from the second-
level interrupts into the top-level interrupts are level-sensitive. If a top-level NVIC interrupt is driven by a second-
level EM interrupt, then the top-level NVIC interrupt cannot be cleared until all second-level EM interrupts are
cleared.
The INT_periphFLAG register bits are designed to remain set if the second-level interrupt event re-occurs at the
same moment as the INT_periphFLAG register bit is being cleared. This ensures the re-occurring second-level
interrupt event is not missed.
If another enabled second-level interrupt event of the same type occurs before the first interrupt event is cleared,
the second interrupt event is lost because no counting or queuing is used. However, this condition is detected and
stored in the top-level INT_MISS register to facilitate software detection of such problems. The INT_MISS register
is “acknowledged” in the same way as the INT_periphFLAG register-by writing a 1 into the corresponding bit to be
cleared.
Q
latch
S
R
read
Q
latch
S
R
write 1
read
AND
write 1
Q
latch
S
R
write 1
write 1
Interrupts into NVIC/CPU
INT_PENDSET
INT_PENDCLR
INT_CFGSET
INT_CFGCLR
INT_MISS
Source Interrupt Events
Q
latch
S
R
write 1
read
AND
OR
INT_periphCFG
INT_periphFLAG
read
OR
write 1
Peripheral Interrupt Instance
Interrupts from all Peripherals
AND
OR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com