Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM341 Datasheet(PDF) 207 Page - Silicon Laboratories

Part # EM341
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341 Datasheet(HTML) 207 Page - Silicon Laboratories

Back Button EM341 Datasheet HTML 203Page - Silicon Laboratories EM341 Datasheet HTML 204Page - Silicon Laboratories EM341 Datasheet HTML 205Page - Silicon Laboratories EM341 Datasheet HTML 206Page - Silicon Laboratories EM341 Datasheet HTML 207Page - Silicon Laboratories EM341 Datasheet HTML 208Page - Silicon Laboratories EM341 Datasheet HTML 209Page - Silicon Laboratories EM341 Datasheet HTML 210Page - Silicon Laboratories EM341 Datasheet HTML 211Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 237 page
background image
EM341
Rev 1.0
119
15. Serial Wire and JTAG (SWJ) Interface
The EM341 includes a standard Serial Wire and JTAG (SWJ) Interface. The SWJ is the primary debug and
programming interface of the EM341. The SWJ gives debug tools access to the internal buses of the EM341 and
allows for non-intrusive memory and register access as well as CPU halt-step style debugging. Therefore, any
design implementing the EM341 should make the SWJ signals readily available.
Serial Wire is an ARM® standard, bidirectional, two-wire protocol designed to replace JTAG and provides all the
normal JTAG debug and test functionality. JTAG is a standard five-wire protocol providing debug and test
functionality. In addition, the two Serial Wire signals (SWDIO and SWCLK) are overlaid on two of the JTAG signals
(JTMS and JTCK). This keeps the design compact and allows debug tools to switch between Serial Wire and JTAG
as needed, without changing pin connections.
While Serial Wire and JTAG offer the same debug and test functionality, Silicon Labs recommends Serial Wire.
Serial Wire uses only two pins instead of five, and offers a simple communication protocol, high performance data
rates, low power, built-in error detection, and protection from glitches.
The ARM CoreSight™ Debug Access Port (DAP) comprises the Serial Wire and JTAG Interface (SWJ). As
illustrated in Figure 15.1, the DAP includes two primary components: a debug port (the SWJ-DP) and an access
port (the AHB-AP). The SWJ-DP provides external debug access while the AHB-AP provides internal bus access.
An external debug tool connected to the EM341's debug pins communicates with the SWJ-DP. The SWJ-DP then
communicates with the AHB-AP. Finally, the AHB-AP communicates on the internal bus.
Figure 15.1. SWJ Block Diagram
Serial Wire and JTAG share five pins:

JRST

JTDO

JTDI

SWDIO/JTMS

SWCLK/JTCK
Note: The SWJ pins are forced functions, and their corresponding GPIO_PxCFGH/L configurations are overridden when the
EM341 resets. An application must disable all debug SWJ debug functionality to reclaim any of the four SWJ GPIOs:
PC0, PC2, PC3, and PC4.
Since these pins can be repurposed, refer to "17. Pin Definitions" on page 121 and "7.3. Forced Functions" on
page 50 for complete pin descriptions and configurations.
For further information on the SWJ, contact customer support for application notes and ARM® CoreSight™
documentation.
SWJ-DP
SWJ-DP
Select
SWJ-DAP
SW
Interface
JTAG
Interface
Control and
AP Interface
Pins
AHB-AP
AHB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com