Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM341 Datasheet(PDF) 227 Page - Silicon Laboratories

Part # EM341
Description  High-Performance, Integrated RF4CE System-on-Chip
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM341 Datasheet(HTML) 227 Page - Silicon Laboratories

Back Button EM341 Datasheet HTML 223Page - Silicon Laboratories EM341 Datasheet HTML 224Page - Silicon Laboratories EM341 Datasheet HTML 225Page - Silicon Laboratories EM341 Datasheet HTML 226Page - Silicon Laboratories EM341 Datasheet HTML 227Page - Silicon Laboratories EM341 Datasheet HTML 228Page - Silicon Laboratories EM341 Datasheet HTML 229Page - Silicon Laboratories EM341 Datasheet HTML 230Page - Silicon Laboratories EM341 Datasheet HTML 231Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 237 page
background image
EM341
134
Rev 1.0
BLOCK
SERIAL
4000C000–4000CFFF Serial Controllers
Address
Name
Type
Reset
Description
4000C000
SC2_RXBEGA
RW
20000000
Receive DMA Begin Address Register A
4000C004
SC2_RXENDA
RW
20000000
Receive DMA End Address Register A
4000C008
SC2_RXBEGB
RW
20000000
Receive DMA Begin Address Register B
4000C00C
SC2_RXENDB
RW
20000000
Receive DMA End Address Register B
4000C010
SC2_TXBEGA
RW
20000000
Transmit DMA Begin Address Register A
4000C014
SC2_TXENDA
RW
20000000
Transmit DMA End Address Register A
4000C018
SC2_TXBEGB
RW
20000000
Transmit DMA Begin Address Register B
4000C01C
SC2_TXENDB
RW
20000000
Transmit DMA End Address Register B
4000C020
SC2_RXCNTA
R
0
Receive DMA Count Register A
4000C024
SC2_RXCNTB
R
0
Receive DMA Count Register B
4000C028
SC2_TXCNT
R
0
Transmit DMA Count Register
4000C02C
SC2_DMASTAT
R
0
Serial DMA Status Register
4000C030
SC2_DMACTRL
RW
0
Serial DMA Control Register
4000C034
SC2_RXERRA
R
0
DMA First Receive Error Register A
4000C038
SC2_RXERRB
R
0
DMA First Receive Error Register B
4000C03C
SC2_DATA
RW
0
Serial Data Register
4000C040
SC2_SPISTAT
R
0
SPI Status Register
4000C044
SC2_TWISTAT
R
0
TWI Status Register
4000C04C
SC2_TWICTRL1
RW
0
TWI Control Register 1
4000C050
SC2_TWICTRL2
RW
0
TWI Control Register 2
4000C054
SC2_MODE
RW
0
Serial Mode Register
4000C058
SC2_SPICFG
RW
0
SPI Configuration Register
4000C060
SC2_RATELIN
RW
0
Serial Clock Linear Prescaler Register
4000C064
SC2_RATEEXP
RW
0
Serial Clock Exponential Prescaler Register
4000C070
SC2_RXCNTSAVED
R
0
Saved Receive DMA Count Register
4000C800
SC1_RXBEGA
RW
20000000
Receive DMA Begin Address Register A
4000C804
SC1_RXENDA
RW
20000000
Receive DMA End Address Register A
4000C808
SC1_RXBEGB
RW
20000000
Receive DMA Begin Address Register B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com