Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM346-RTR Datasheet(PDF) 46 Page - Silicon Laboratories

Part # EM346-RTR
Description  High-Performance, Integrated Dual ZigBee PRO
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM346-RTR Datasheet(HTML) 46 Page - Silicon Laboratories

Back Button EM346-RTR Datasheet HTML 42Page - Silicon Laboratories EM346-RTR Datasheet HTML 43Page - Silicon Laboratories EM346-RTR Datasheet HTML 44Page - Silicon Laboratories EM346-RTR Datasheet HTML 45Page - Silicon Laboratories EM346-RTR Datasheet HTML 46Page - Silicon Laboratories EM346-RTR Datasheet HTML 47Page - Silicon Laboratories EM346-RTR Datasheet HTML 48Page - Silicon Laboratories EM346-RTR Datasheet HTML 49Page - Silicon Laboratories EM346-RTR Datasheet HTML 50Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 142 page
background image
EM346
46
Rev 1.0
6.5.3. Further Options for Deep Sleep
By default the low-frequency internal RC oscillator (OSCRC) is running during deep sleep (known as deep
sleep 1).
To conserver power, OSCRC can be turned of during deep sleep. This mode is known as deep sleep 2. Since the
OSCRC is disabled, the sleep timer and watchdog timer do not function and cannot wake the chip unless the low-
frequency 32.768 kHz crystal oscillator is used. Non-timer based wake sources continue to function. Once a wake
event does occur, OSCRC is restarted and comes back up.
6.5.4. Use of Debugger with Sleep Modes
The debugger communicates with the EM346 using the SWJ.
When the debugger is logically connected, the CDBGPWRUPREQ bit in the debug port in the SWJ is set, and the
EM346 will only enter deep sleep 0 (the Emulated Deep Sleep state). The CDBGPWRUPREQ bit indicates that a
debug tool is logically connected to the chip and therefore debug state may be in the system debug components.
To maintain the debug state in the system debug components only deep sleep 0 may be used, since deep sleep 0
will not cause a power cycle or reset of the core domain. The CSYSPWRUPREQ bit in the debug port in the SWJ
indicates that a debugger wants to access memory actively in the EM346. Therefore, whenever the
CSYSPWRUPREQ bit is set while the EM346 is awake, the EM346 cannot enter deep sleep until this bit is cleared.
This ensures the EM346 does not disrupt debug communication into memory.
Clearing both CSYSPWRUPREQ and CDBGPWRUPREQ allows the EM346 to achieve a true deep sleep state
(deep sleep 1 or 2). Both of these signals also operate as wake sources, so that when a debugger logically
connects to the EM346 and begins accessing the chip, the EM346 automatically comes out of deep sleep. When
the debugger initiates access while the EM346 is in deep sleep, the SWJ intelligently holds off the debugger for a
brief period of time until the EM346 is properly powered and ready.
Note: The SWJ-DP signals CSYSPWRUPREQ and CDBGPWRUPREQ are only reset by a power-on-reset or a debugger.
Physically connecting or disconnecting a debugger from the chip will not alter the state of these signals. A debugger
must logically communicate with the SWJ-DP to set or clear these two signals.
For more information regarding the SWJ and the interaction of debuggers with deep sleep, contact customer
support for Application Notes and ARM® CoreSightTM documentation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com