Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM346-RTR Datasheet(PDF) 87 Page - Silicon Laboratories

Part # EM346-RTR
Description  High-Performance, Integrated Dual ZigBee PRO
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM346-RTR Datasheet(HTML) 87 Page - Silicon Laboratories

Back Button EM346-RTR Datasheet HTML 83Page - Silicon Laboratories EM346-RTR Datasheet HTML 84Page - Silicon Laboratories EM346-RTR Datasheet HTML 85Page - Silicon Laboratories EM346-RTR Datasheet HTML 86Page - Silicon Laboratories EM346-RTR Datasheet HTML 87Page - Silicon Laboratories EM346-RTR Datasheet HTML 88Page - Silicon Laboratories EM346-RTR Datasheet HTML 89Page - Silicon Laboratories EM346-RTR Datasheet HTML 90Page - Silicon Laboratories EM346-RTR Datasheet HTML 91Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 142 page
background image
EM346
88
Rev 1.0
SC1_DMASTAT: Address: 0x4000C82C Reset: 0x0
Register 8.14. SC1_DMASTAT: Serial DMA Status Register
Bit
31
30
29
28
27
26
25
24
Name
0
0
0
0
0
0
0
0
Bit
23
22
21
20
19
18
17
16
Name
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
Name
0
0
0
SC_RXSSEL
SC_RXFRMB SC_RXFRMA
Bit
7
6
5
4
3
2
1
0
Name SC_RXPARB SC_RXPARA SC_RXOVFB SC_RXOVFA SC_TXACTB SC_TXACTA SC_RXACTB SC_RXACTA
Bitname
Bitfield Access
Description
SC_RXSSEL
[12:10]
R
Status of the receive count saved in SCx_RXCNTSAVED (SPI slave mode) when nSSEL
deasserts. Cleared when a receive buffer is loaded and when the receive DMA is reset.
0: No count was saved because nSSEL did not deassert.
2: Buffer A's count was saved, nSSEL deasserted once.
3: Buffer B's count was saved, nSSEL deasserted once.
6: Buffer A's count was saved, nSSEL deasserted more than once.
7: Buffer B's count was saved, nSSEL deasserted more than once.
1, 4, 5: Reserved.
SC_RXFRMB
[9]
R
This bit is set when DMA receive buffer B reads a byte with a frame error from the receive
FIFO. It is cleared the next time buffer B is loaded or when the receive DMA is reset. (SC1
in UART mode only)
SC_RXFRMA
[8]
R
This bit is set when DMA receive buffer A reads a byte with a frame error from the receive
FIFO. It is cleared the next time buffer A is loaded or when the receive DMA is reset. (SC1
in UART mode only)
SC_RXPARB
[7]
R
This bit is set when DMA receive buffer B reads a byte with a parity error from the receive
FIFO. It is cleared the next time buffer B is loaded or when the receive DMA is reset. (SC1
in UART mode only)
SC_RXPARA
[6]
R
This bit is set when DMA receive buffer A reads a byte with a parity error from the receive
FIFO. It is cleared the next time buffer A is loaded or when the receive DMA is reset. (SC1
in UART mode only)
SC_RXOVFB
[5]
R
This bit is set when DMA receive buffer B was passed an overrun error from the receive
FIFO. Neither receive buffer was capable of accepting any more bytes (unloaded), and the
FIFO filled up. Buffer B was the next buffer to load, and when it drained the FIFO the over-
run error was passed up to the DMA and flagged with this bit. Cleared the next time buffer
B is loaded and when the receive DMA is reset.
SC_RXOVFA
[4]
R
This bit is set when DMA receive buffer A was passed an overrun error from the receive
FIFO. Neither receive buffer was capable of accepting any more bytes (unloaded), and the
FIFO filled up. Buffer A was the next buffer to load, and when it drained the FIFO the over-
run error was passed up to the DMA and flagged with this bit. Cleared the next time buffer
A is loaded and when the receive DMA is reset.
SC_TXACTB
[3]
R
This bit is set when DMA transmit buffer B is active.
SC_TXACTA
[2]
R
This bit is set when DMA transmit buffer A is active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com