Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM346-RTR Datasheet(PDF) 8 Page - Silicon Laboratories

Part # EM346-RTR
Description  High-Performance, Integrated Dual ZigBee PRO
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM346-RTR Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button EM346-RTR Datasheet HTML 4Page - Silicon Laboratories EM346-RTR Datasheet HTML 5Page - Silicon Laboratories EM346-RTR Datasheet HTML 6Page - Silicon Laboratories EM346-RTR Datasheet HTML 7Page - Silicon Laboratories EM346-RTR Datasheet HTML 8Page - Silicon Laboratories EM346-RTR Datasheet HTML 9Page - Silicon Laboratories EM346-RTR Datasheet HTML 10Page - Silicon Laboratories EM346-RTR Datasheet HTML 11Page - Silicon Laboratories EM346-RTR Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 142 page
background image
EM346
8
Rev 1.0
2.3. Environmental Characteristics
Table 2.3 lists the rated environmental characteristics of the EM346.
2.4. DC Electrical Characteristics
Table 2.4 lists the dc electrical characteristics of the EM346.
Table 2.3. Environmental Characteristics
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
ESD (human body model)
On any pin
—
—
±2
kV
ESD (charged device model)
Non-RF pins
—
—
±400
V
ESD (charged device model)
RF pins
—
—
±225
V
Package Thermal Resistance*
JA
27.1
°C/W
*Note: Thermal resistance assumes multi-layer PCB with exposed pad soldered to a PCB board.
Table 2.4. DC Characteristics
Measured on Silicon Labs’ EM357 reference design with TA = 25 °C and VDD = 3 V, unless otherwise noted.
Parameter
Test Condition
Min
Typ
Max
Unit
Regulator input voltage
(VDD_PADS)
2.1
—
3.6
V
Power supply range (VDD_MEM)
Regulator output or external input
1.7
1.8
1.9
V
Power supply range (VDD_CORE)
Regulator output
1.18
1.25
1.32
V
Deep Sleep Current
Quiescent current, internal RC
oscillator disabled
–40 °C, VDD_PADS=3.6 V
—
0.4
—
A
+25 °C, VDD_PADS=3.6 V
—
0.4
—
A
+85 °C, VDD_PADS=3.6 V
—
0.7
—
A
Quiescent current, including
internal RC oscillator
–40 °C, VDD_PADS=3.6 V
—
0.7
—
A
+25 °C, VDD_PADS=3.6 V
—
0.7
—
A
+85°C, VDD_PADS=3.6 V
—
1.1
—
A
Quiescent current, including
32.768 kHz oscillator
–40 °C, VDD_PADS=3.6 V
—
0.8
—
A
+25 °C, VDD_PADS=3.6 V
—
1.0
—
A
+85 °C, VDD_PADS=3.6 V
—
1.5
—
A
Quiescent current, including
internal RC oscillator and
32.768 kHz oscillator
–40 °C, VDD_PADS=3.6 V
—
1.1
—
A
+25 °C, VDD_PADS=3.6 V
—
1.3
—
A
+85 °C, VDD_PADS=3.6 V
—
1.8
—
A
Simulated deep sleep (debug
mode) current
With no debugger activity
—
300
—
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com