Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM346-RTR Datasheet(PDF) 51 Page - Silicon Laboratories

Part # EM346-RTR
Description  High-Performance, Integrated Dual ZigBee PRO
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM346-RTR Datasheet(HTML) 51 Page - Silicon Laboratories

Back Button EM346-RTR Datasheet HTML 47Page - Silicon Laboratories EM346-RTR Datasheet HTML 48Page - Silicon Laboratories EM346-RTR Datasheet HTML 49Page - Silicon Laboratories EM346-RTR Datasheet HTML 50Page - Silicon Laboratories EM346-RTR Datasheet HTML 51Page - Silicon Laboratories EM346-RTR Datasheet HTML 52Page - Silicon Laboratories EM346-RTR Datasheet HTML 53Page - Silicon Laboratories EM346-RTR Datasheet HTML 54Page - Silicon Laboratories EM346-RTR Datasheet HTML 55Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 142 page
background image
EM346
Rev 1.0
51
7.5. Boot Configuration
nBOOTMODE is a special alternate function of PA5 that is active only during a pin reset (nRESET) or a power-on-
reset of the always-powered domain (POR HV). If nBOOTMODE is asserted (pulled or driven low) when coming
out of reset, the processor starts executing an embedded serial-link-only monitor instead of its normal program.
While in reset and during the subsequent power-on-reset startup delay (512 OSCHF clocks), PA5 is automatically
configured as an input with a pull-up resistor. At the end of this time, the EM346 samples nBOOTMODE: a high
level selects normal boot mode, and a low level selects the embedded monitor. Figure 7.2 shows the timing
parameters for invoking monitor mode from a pin (nRESET) reset. Because OSCHF is running uncalibrated during
the reset sequence, the time for 512 OSCHF clocks may vary as indicated.
Figure 7.2. nBOOTMODE and nRESET Timing
Timing for a power-on-reset is similar except that OSCHF does not begin oscillating until up to 70 µsec after both
core and HV supplies are valid. Combined with the maximum 250 µsec allowed for HV to ramp from 0.5 V to 1.7 V,
an additional 320 µsec may be added to the 512 OSCHF clocks until nBOOTMODE is sampled.
If the monitor mode is selected (nBOOTMODE is low after 512 clocks), the FIB monitor software begins execution.
In order to filter out inadvertent jumps into the monitor, the FIB monitor re-samples the nBOOTMODE signal after a
3 ms delay. If the signal is still low, then the device stays in monitor mode. If the signal is high, then monitor mode
is exited and the normal program begins execution. In summary, the nBOOTMODE signal must be held low for
4 ms in order to properly invoke the FIB monitor.
After nBOOTMODE has been sampled, PA5 is configured as a floating input like the other GPIO configurations.
The GPIO_BOOTMODE bit in the GPIO_DBGSTAT register captures the state of nBOOTMODE so that software
may act on this signal if required.
Note: To avoid inadvertently asserting nBOOTMODE, PA5’s capacitive load may not exceed 250 pF.
7.6. GPIO Modes
7.6.1. Analog Mode
Analog mode enables analog functions, and disconnects a pin from the digital input and output logic. Only the
following GPIO pins have analog functions:

PC6 and PC7 can connect to an optional 32.768 kHz crystal.
Note: When an external timing source is required, a 32.768 kHz crystal is commonly connected to PC6 and PC7. Alternatively,
when PC7 is configured as a digital input, PC7 can accept a digital external clock input.
When configured in analog mode:

The output drivers are disabled.

The internal pull-up and pull-down resistors are disabled.

The Schmitt trigger input is connected to a high logic level.
. . .
nRESET
OSCHF
. . .
. . .
nBOOTMODE
26
µsec min
. . .
. . .
. . .
512 clocks;
26
µsec min – 85 µsec max
nBOOTMODE Sampled;
FIB Monitor mode entered
nBOOTMODE Sampled by
FIB Monitor code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com