Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM346-RTR Datasheet(PDF) 13 Page - Silicon Laboratories

Part # EM346-RTR
Description  High-Performance, Integrated Dual ZigBee PRO
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM346-RTR Datasheet(HTML) 13 Page - Silicon Laboratories

Back Button EM346-RTR Datasheet HTML 9Page - Silicon Laboratories EM346-RTR Datasheet HTML 10Page - Silicon Laboratories EM346-RTR Datasheet HTML 11Page - Silicon Laboratories EM346-RTR Datasheet HTML 12Page - Silicon Laboratories EM346-RTR Datasheet HTML 13Page - Silicon Laboratories EM346-RTR Datasheet HTML 14Page - Silicon Laboratories EM346-RTR Datasheet HTML 15Page - Silicon Laboratories EM346-RTR Datasheet HTML 16Page - Silicon Laboratories EM346-RTR Datasheet HTML 17Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 142 page
background image
EM346
Rev 1.0
13
2.5. Digital I/O Specifications
Table 2.5 lists the digital I/O specifications for the EM346. The digital I/O power (named VDD_PADS) comes from
three dedicated pins (pins 23, 28 and 37). The voltage applied to these pins sets the I/O voltage.
Table 2.5. Digital I/O Specifications
Parameter
Test Condition
Min
Typ
Max
Unit
Voltage supply (regulator input voltage)
2.1
—
3.6
V
Low Schmitt switching threshold
VSWIL
Schmitt input threshold going
from high to low
0.42 x
VDD_PADS
—
0.50 x
VDD_PADS
V
High Schmitt switching threshold
VSWIH
Schmitt input threshold going
from low to high
0.62 x
VDD_PADS
—
0.80 x
VDD_PADS
V
Input current for logic 0
IIL
—
—
–0.5
μA
Input current for logic 1
IIH
—
—
+0.5
μA
Input pull-up resistor value
RIPU
24
29
34
k
Input pull-down resistor value
RIPD
24
29
34
k
Output voltage for logic 0
VOL
(IOL = 4 mA for standard pads,
8 mA for high current pads)
0
—
0.18 x
VDD_PADS
V
Output voltage for logic 1
VOH
(IOH = 4 mA for standard pads,
8 mA for high current pads)
0.82 x
VDD_PADS
—
VDD_PADS
V
Output source current
(standard current pad)
IOHS
—
—
4
mA
Output sink current
(standard current pad)
IOLS
—
—
4
mA
Output source current high current pad:
PA7, PC0
IOHH
—
—
8
mA
Output sink current high current pad:
PA7, PC0
IOLH
—
—
8
mA
Total output current (for I/O Pads)
IOH + IOL
—
—
40
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com