Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM346-RTR Datasheet(PDF) 64 Page - Silicon Laboratories

Part # EM346-RTR
Description  High-Performance, Integrated Dual ZigBee PRO
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM346-RTR Datasheet(HTML) 64 Page - Silicon Laboratories

Back Button EM346-RTR Datasheet HTML 60Page - Silicon Laboratories EM346-RTR Datasheet HTML 61Page - Silicon Laboratories EM346-RTR Datasheet HTML 62Page - Silicon Laboratories EM346-RTR Datasheet HTML 63Page - Silicon Laboratories EM346-RTR Datasheet HTML 64Page - Silicon Laboratories EM346-RTR Datasheet HTML 65Page - Silicon Laboratories EM346-RTR Datasheet HTML 66Page - Silicon Laboratories EM346-RTR Datasheet HTML 67Page - Silicon Laboratories EM346-RTR Datasheet HTML 68Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 142 page
background image
EM346
64
Rev 1.0
Note: Substitute “A”, “B”, “C”, or “D” for “x” in the following detailed description.
GPIO_INTCFGA: Address: 0x4000A860 Reset: 0x0
GPIO_INTCFGB: Address: 0x4000A864 Reset: 0x0
GPIO_INTCFGC: Address: 0x4000A868 Reset: 0x0
GPIO_INTCFGD: Address: 0x4000A86C Reset: 0x0
Register 7.10. GPIO_INTCFGx
GPIO_INTCFGA: GPIO Interrupt A Configuration Register
GPIO_INTCFGB: GPIO Interrupt B Configuration Register
GPIO_INTCFGC: GPIO Interrupt C Configuration Register
GPIO_INTCFGD: GPIO Interrupt D Configuration Register
Bit
31
30
29
28
27
26
25
24
Name
0
0
0
0
0
0
0
0
Bit
23
22
21
20
19
18
17
16
Name
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
Name
0
0
0
0
0
0
0
GPIO_INTFILT
Bit
7
6
5
4
3
2
1
0
Name
GPIO_INTMOD
0
0
0
0
0
Bitname
Bitfield Access
Description
GPIO_INTFILT
[8]
RW
Set this bit to enable digital filtering on IRQx.
GPIO_INTMOD
[7:5]
RW
IRQx triggering mode.
0x0: Disabled.
0x1: Rising edge triggered.
0x2: Falling edge triggered.
0x3: Rising and falling edge triggered.
0x4: Active high level triggered.
0x5: Active low level triggered.
0x6, 0x7: Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com