Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM346-RTR Datasheet(PDF) 34 Page - Silicon Laboratories

Part # EM346-RTR
Description  High-Performance, Integrated Dual ZigBee PRO
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM346-RTR Datasheet(HTML) 34 Page - Silicon Laboratories

Back Button EM346-RTR Datasheet HTML 30Page - Silicon Laboratories EM346-RTR Datasheet HTML 31Page - Silicon Laboratories EM346-RTR Datasheet HTML 32Page - Silicon Laboratories EM346-RTR Datasheet HTML 33Page - Silicon Laboratories EM346-RTR Datasheet HTML 34Page - Silicon Laboratories EM346-RTR Datasheet HTML 35Page - Silicon Laboratories EM346-RTR Datasheet HTML 36Page - Silicon Laboratories EM346-RTR Datasheet HTML 37Page - Silicon Laboratories EM346-RTR Datasheet HTML 38Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 142 page
background image
EM346
34
Rev 1.0
6.1. Power Domains
The EM346 contains three power domains:

An “always-on domain” containing all logic and analog cells required to manage the EM346’s power
modes, including the GPIO controller and sleep timer. This domain must remain powered.

A “core domain” containing the CPU, Nested Vectored Interrupt Controller (NVIC), and peripherals. To save
power, this domain can be powered down using a mode called deep sleep.

A “memory domain” containing the RAM and flash memories. This domain is managed by the power
management controller. When in deep sleep, the RAM portion of this domain is powered from the always-
on domain supply to retain the RAM contents while the regulators are disabled. During deep sleep the flash
portion is completely powered down.
6.1.1. Internally Regulated Power
The preferred and recommended power configuration is to use the internal regulated power supplies to provide
power to the core and memory domains. The internal regulators (VREG_1V25 and VREG_1V8) generate nominal
1.25 and 1.8 V supplies. The 1.25 V supply is internally routed to the core domain and to an external pin. The 1.8 V
supply is routed to an external pin where it can be externally routed back into the chip to supply the memory
domain. The internal regulators are described in "14. Integrated Voltage Regulator" on page 117.
When using the internal regulators, the always-on domain must be powered between 2.1 and 3.6 V at all four
VDD_PADS pins.
When using the internal regulators, the VREG_1V8 regulator output pin (VREG_OUT) must be connected to the
VDD_MEM, VDD_PADSA, VDD_VCO, VDD_RF, VDD_IF, VDD_PRE, and VDD_SYNTH pins.
When using the internal regulators, the VREG_1V25 regulator output and supply requires a connection between
both VDD_CORE pins.
6.1.2. Externally Regulated Power
Optionally, the on-chip regulators may be left unused, and the core and memory domains may instead be powered
from external supplies. For simplicity, the voltage for the core domain can be raised to nominal 1.8 V, requiring only
one external regulator, or the core domain can be powered from the on-chip regulators while the other domains are
powered externally. Note that if the core domain is powered at a higher voltage (1.8 V instead of 1.25 V) then
power consumption increases. A regulator enable signal, REG_EN, is provided for control of external regulators.
This is an open-drain signal that requires an external pull-up resistor. If REG_EN is not required to control external
regulators it can be disabled (see "7.3. Forced Functions" on page 50).
Using an external regulator requires the always-on domain to be powered between 2.1 and 3.6 V at all four
VDD_PADS pins.
When using an external regulator, the VREG_1V8 regulator output pin (VREG_OUT) must be left unconnected.
When using an external regulator, this external nominal 1.8 V supply has to be connected to both VDD_CORE pins
and to the VDD_MEM, VDD_PADSA, VDD_VCO, VDD_RF, VDD_IF, VDD_PRE and VDD_SYNTH pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com