Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM346-RTR Datasheet(PDF) 4 Page - Silicon Laboratories

Part # EM346-RTR
Description  High-Performance, Integrated Dual ZigBee PRO
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM346-RTR Datasheet(HTML) 4 Page - Silicon Laboratories

  EM346-RTR Datasheet HTML 1Page - Silicon Laboratories EM346-RTR Datasheet HTML 2Page - Silicon Laboratories EM346-RTR Datasheet HTML 3Page - Silicon Laboratories EM346-RTR Datasheet HTML 4Page - Silicon Laboratories EM346-RTR Datasheet HTML 5Page - Silicon Laboratories EM346-RTR Datasheet HTML 6Page - Silicon Laboratories EM346-RTR Datasheet HTML 7Page - Silicon Laboratories EM346-RTR Datasheet HTML 8Page - Silicon Laboratories EM346-RTR Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 142 page
background image
EM346
4
Rev 1.0
1. Typical Application
Figure 1.1 illustrates the typical application circuit, and Table 1.1 contains an example bill of materials (BOM) for
the off-chip components required by the EM346.
Note: The circuit shown in Figure 1.1 is for example purposes only, and the BOM is for budgetary quotes only. For a complete
reference design, please download one of the latest Ember Hardware Reference Designs from the Silicon Labs website
(www.silabs.com/zigbee-support).
The Balun provides an impedance transformation from the antenna to the EM346 for both TX and RX modes.
L1 tunes the impedance presented to the RF port for maximum transmit power and receive sensitivity.
The harmonic filter (L2, L3, C5, C6 and C9) provides additional suppression of the second harmonic, which
increases the margin over the FCC limit.
The 24 MHz crystal Y1 with loading capacitors is required and provides the high-frequency crystal oscillator source
for the EM346's main system clock. The 32.768 kHz crystal with loading capacitors generates a highly accurate
low-frequency crystal oscillator for use with peripherals, but it is not mandatory as the low-frequency internal RC
oscillator can be used.
Loading capacitance and ESR (C1 and R3) provides stability for the internal 1.8 V regulator.
Loading capacitance C2 provides stability for the internal 1.25 V regulator, no ESR is required because it is
contained within the chip.
Resistor R1 reduces the operating voltage of the flash memory, this reduces current consumption and improves
sensitivity by 1 dB when compared to not using it.
Various decoupling capacitors are required, these should be placed as close to their corresponding pins as
possible. For values and locations see one of the latest reference designs.
An antenna matched to 50
 is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com