Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM346-RTR Datasheet(PDF) 100 Page - Silicon Laboratories

Part # EM346-RTR
Description  High-Performance, Integrated Dual ZigBee PRO
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM346-RTR Datasheet(HTML) 100 Page - Silicon Laboratories

Back Button EM346-RTR Datasheet HTML 96Page - Silicon Laboratories EM346-RTR Datasheet HTML 97Page - Silicon Laboratories EM346-RTR Datasheet HTML 98Page - Silicon Laboratories EM346-RTR Datasheet HTML 99Page - Silicon Laboratories EM346-RTR Datasheet HTML 100Page - Silicon Laboratories EM346-RTR Datasheet HTML 101Page - Silicon Laboratories EM346-RTR Datasheet HTML 102Page - Silicon Laboratories EM346-RTR Datasheet HTML 103Page - Silicon Laboratories EM346-RTR Datasheet HTML 104Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 142 page
background image
EM346
Rev 1.0
101
Table 9.1. NVIC Exception Table
Exception
Position
Description
—
0
Stack top is loaded from first entry of vector table on reset.
Reset
1
Invoked on power up and warm reset. On first instruction, drops to lowest prior-
ity (Thread mode). Asynchronous.
NMI
2
Cannot be stopped or preempted by any exception but reset. Asynchronous.
Hard Fault
3
All classes of fault, when the fault cannot activate because of priority or the
Configurable Fault handler has been disabled. Synchronous.
Memory Fault
4
MPU mismatch, including access violation and no match. Synchronous.
Bus Fault
5
Pre-fetch, memory access, and other address/memory-related faults. Synchro-
nous when precise and asynchronous when imprecise.
Usage Fault
6
Usage fault, such as “undefined instruction executed” or “illegal state transition
attempt”. Synchronous.
—
7–10
Reserved.
SVCall
11
System service call with SVC instruction. Synchronous.
Debug Monitor
12
Debug monitor, when not halting. Synchronous, but only active when enabled.
It does not activate if lower priority than the current activation.
—
13
Reserved.
PendSV
14
Pendable request for system service. Asynchronous and only pended by soft-
ware.
SysTick
15
System tick timer has fired. Asynchronous.
—
16
Reserved.
—
17
Reserved.
Management
18
Management peripheral interrupt.
Baseband
19
Baseband peripheral interrupt.
Sleep Timer
20
Sleep Timer peripheral interrupt.
Serial Controller 1
21
Serial Controller 1 peripheral interrupt.
—
22
Reserved.
Security
23
Security peripheral interrupt.
MAC Timer
24
MAC Timer peripheral interrupt.
MAC Transmit
25
MAC Transmit peripheral interrupt.
MAC Receive
26
MAC Receive peripheral interrupt.
—
27
Reserved.
IRQA
28
IRQA peripheral interrupt.
—
29
Reserved
IRQC
30
IRQC peripheral interrupt.
IRQD
31
IRQD peripheral interrupt.
Debug
32
Debug peripheral interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com