Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM346-RTR Datasheet(PDF) 103 Page - Silicon Laboratories

Part # EM346-RTR
Description  High-Performance, Integrated Dual ZigBee PRO
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM346-RTR Datasheet(HTML) 103 Page - Silicon Laboratories

Back Button EM346-RTR Datasheet HTML 99Page - Silicon Laboratories EM346-RTR Datasheet HTML 100Page - Silicon Laboratories EM346-RTR Datasheet HTML 101Page - Silicon Laboratories EM346-RTR Datasheet HTML 102Page - Silicon Laboratories EM346-RTR Datasheet HTML 103Page - Silicon Laboratories EM346-RTR Datasheet HTML 104Page - Silicon Laboratories EM346-RTR Datasheet HTML 105Page - Silicon Laboratories EM346-RTR Datasheet HTML 106Page - Silicon Laboratories EM346-RTR Datasheet HTML 107Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 142 page
background image
EM346
104
Rev 1.0
Table 9.2 provides a map of all peripheral interrupts. This map lists the top-level NVIC Interrupt bits and, if there is
one, the corresponding second-level EM Interrupt register bits that feed the top-level interrupts.
9.3. Non-Maskable Interrupt (NMI)
The non-maskable interrupt (NMI) is a special case. Despite being one of the 10 standard ARM® CortexTM-M3
NVIC interrupts, it is sourced from the Event Manager like a peripheral interrupt. The NMI has two second-level
sources; failure of the 24 MHz crystal and watchdog low water mark.
1. Failure of the 24 MHz crystal: If the EM346's main clock, SYSCLK, is operating from the 24 MHz crystal
and the crystal fails, the EM346 detects the failure and automatically switches to the internal 12 MHz RC
clock. When this failure detection and switch has occurred, the EM346 triggers the CLK24M_FAIL second-
Table 9.2. NVIC and EM Peripheral Interrupt Map
NVIC Interrupt
(Top-Level)
EM Interrupt
(Second-Level)
NVIC Interrupt
(Top-Level)
EM Interrupt
(Second-Level)
16
INT_DEBUG
4
INT_SLEEPTMR
15
INT_IRQD
3
INT_BB
14
INT_IRQC
2
INT_MGMT
13
Reserved
1
Reserved.
12
INT_IRQA
0
Reserved
11
Reserved
10
INT_MACRX
9
INT_MACTX
8
INT_MACTMR
7
INT_SEC
6
Reserved
5
INT_SC1
INT_SC1FLAG register
14
INT_SC1PARERR
13
INT_SC1FRMERR
12
INT_SCTXULDB
11
INT_SCTXULDA
10
INT_SCRXULDB
9
INT_SCRXULDA
8
INT_SCNAK
7
INT_SCCDMFIN
6
INT_SCTXFIN
5
INT_SCRXFIN
4
INT_SCTXUND
3
INT_SCRXOVF
2
INT_SCTXIDLE
1
INT_SCTXFREE
0
INT_SCRXVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com