Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM346-RTR Datasheet(PDF) 52 Page - Silicon Laboratories

Part # EM346-RTR
Description  High-Performance, Integrated Dual ZigBee PRO
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM346-RTR Datasheet(HTML) 52 Page - Silicon Laboratories

Back Button EM346-RTR Datasheet HTML 48Page - Silicon Laboratories EM346-RTR Datasheet HTML 49Page - Silicon Laboratories EM346-RTR Datasheet HTML 50Page - Silicon Laboratories EM346-RTR Datasheet HTML 51Page - Silicon Laboratories EM346-RTR Datasheet HTML 52Page - Silicon Laboratories EM346-RTR Datasheet HTML 53Page - Silicon Laboratories EM346-RTR Datasheet HTML 54Page - Silicon Laboratories EM346-RTR Datasheet HTML 55Page - Silicon Laboratories EM346-RTR Datasheet HTML 56Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 142 page
background image
EM346
52
Rev 1.0

Reading GPIO_PxIN returns a constant 1.
7.6.2. Input Mode
Input mode is used both for general purpose input and for on-chip peripheral inputs. Input floating mode disables
the internal pull-up and pull-down resistors, leaving the pin in a high-impedance state. Input pull-up or pull-down
mode enables either an internal pull-up or pull-down resistor based on the GPIO_PxOUT register. Setting a bit to 0
in GPIO_PxOUT enables the pull-down and setting a bit to 1 enables the pull up.
When configured in input mode:

The output drivers are disabled.

An internal pull-up or pull-down resistor may be activated depending on GPIO_PxCFGH/L and
GPIO_PxOUT.

The Schmitt trigger input is connected to the pin.

Reading GPIO_PxIN returns the input at the pin.

The input is also available to on-chip peripherals.
7.6.3. Output Mode
Output mode provides a general purpose output under direct software control. Regardless of whether an output is
configured as push-pull or open-drain, the GPIO’s bit in the GPIO_PxOUT register controls the output. The
GPIO_PxSET and GPIO_PxCLR registers can atomically set and clear bits within GPIO_PxOUT register. These
set and clear registers simplify software using the output port because they eliminate the need to disable interrupts
to perform an atomic read-modify-write operation of GPIO_PxOUT.
When configured in output mode:

The output drivers are enabled and are controlled by the value written to GPIO_PxOUT:

In open-drain mode: 0 activates the N-MOS current sink; 1 tri-states the pin.

In push-pull mode: 0 activates the N-MOS current sink; 1 activates the P-MOS current source.

The internal pull-up and pull-down resistors are disabled.

The Schmitt trigger input is connected to the pin.

Reading GPIO_PxIN returns the input at the pin.
Note: Reading GPIO_PxOUT returns the last value written to the register.
Depending on configuration and usage, GPIO_PxOUT and GPIO_PxIN may not have the same value.
7.6.4. Alternate Output Mode
In this mode, the output is controlled by an on-chip peripheral instead of GPIO_PxOUT and may be configured as
either push-pull or open-drain. Most peripherals require a particular output type, but since using a peripheral does
not by itself configure a pin, the GPIO_PxCFGH/L registers must be configured properly for a peripheral’s particular
needs. As described in "7.2. Configuration" on page 49, when more than one peripheral can be the source of
output data, registers in addition to GPIO_PxCFGH/L determine which to use.
When configured in alternate output mode:

The output drivers are enabled and are controlled by the output of an on-chip peripheral:

In open-drain mode: 0 activates the N-MOS current sink; 1 tri-states the pin.

In push-pull mode: 0 activates the N-MOS current sink; 1 activates the P-MOS current source.

The internal pull-up and pull-down resistors are disabled.

The Schmitt trigger input is connected to the pin.
Note: Reading GPIO_PxIN returns the input to the pin.
Depending on configuration and usage, GPIO_PxOUT and GPIO_PxIN may not have the same value.
7.7. Wake Monitoring
The GPIO_PxWAKE registers specify which GPIOs are monitored to wake the processor. If a GPIO’s wake enable
bit is set in GPIO_PxWAKE, then a change in the logic value of that GPIO causes the EM346 to wake from deep
sleep. The logic values of all GPIOs are captured by hardware upon entering sleep. If any GPIO’s logic value
changes while in sleep and that GPIO’s GPIO_PxWAKE bit is set, then the EM346 wakes from deep sleep. (There
is no mechanism for selecting a specific rising-edge, falling-edge, or level on a GPIO: any change in logic value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com