Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM346-RTR Datasheet(PDF) 129 Page - Silicon Laboratories

Part # EM346-RTR
Description  High-Performance, Integrated Dual ZigBee PRO
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM346-RTR Datasheet(HTML) 129 Page - Silicon Laboratories

Back Button EM346-RTR Datasheet HTML 125Page - Silicon Laboratories EM346-RTR Datasheet HTML 126Page - Silicon Laboratories EM346-RTR Datasheet HTML 127Page - Silicon Laboratories EM346-RTR Datasheet HTML 128Page - Silicon Laboratories EM346-RTR Datasheet HTML 129Page - Silicon Laboratories EM346-RTR Datasheet HTML 130Page - Silicon Laboratories EM346-RTR Datasheet HTML 131Page - Silicon Laboratories EM346-RTR Datasheet HTML 132Page - Silicon Laboratories EM346-RTR Datasheet HTML 133Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 142 page
background image
EM346
130
Rev 1.0
Figure 18.2. Solder Mask Dimensions
Table 18.2. PCB Land Pattern
Dimension
Min
Max
C1
6.80
6.90
C2
6.80
6.90
E
0.50 BSC
X1
0.20
0.30
X2
5.20
5.40
Y1
0.75
0.85
Y2
5.20
5.40
Notes:
General
1.
All dimensions shown are in millimeters (mm) unless otherwise noted.
2.
This Land Pattern Design is based on the IPC-7351 guidelines.
Solder Mask Design
1.
All metal pads are to be non-solder mask defined (NSMD). Clearance between the solder mask and the metal pad is
to be 60mm minimum, all the way around the pad.
Stencil Design
1.
A stainless steel, laser-cut and electro-polished stencil with trapezoidal walls should be used to assure good solder
paste release.
2.
The stencil thickness should be 0.125 mm (5 mils).
3.
The ratio of stencil aperture to land pad size should be 1:1 for all perimeter pads.
4.
A 4x4 array of 1.1 mm square openings on 1.3 mm pitch can be used for the center ground pad.
Card Assembly
1.
A No-Clean, Type-3 solder paste is recommended.
2.
The recommended card reflow profile is per the JEDEC/IPC J-STD-020C specification for Small Body Components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com