Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4604 Datasheet(PDF) 25 Page - Microchip Technology

Part # USB4604
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4604 Datasheet(HTML) 25 Page - Microchip Technology

Back Button USB4604 Datasheet HTML 21Page - Microchip Technology USB4604 Datasheet HTML 22Page - Microchip Technology USB4604 Datasheet HTML 23Page - Microchip Technology USB4604 Datasheet HTML 24Page - Microchip Technology USB4604 Datasheet HTML 25Page - Microchip Technology USB4604 Datasheet HTML 26Page - Microchip Technology USB4604 Datasheet HTML 27Page - Microchip Technology USB4604 Datasheet HTML 28Page - Microchip Technology USB4604 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 62 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
 2014 Microchip Technology Inc.
DS00001716A-page 25
4.3
Power Connection Diagrams
Figure 4.1 illustrates the power connections for the USB4604 with various power supply configurations.
Note: To achieve the lowest power possible, tie the VDD12 pin to VDD12CR.
Figure 4.1 Power Connections
HSIC
3.3V Regulator
(IN)
(OUT)
VBAT
VBAT/+3.3V
Supply
1.2V
Core Logic
3.3V I/O
USB4604
Single Supply Application
1.2V Regulator
(IN)
(OUT)
3.3V Internal
Logic
VDDA33
(3x)
1.0uF
VDDCOREREG
VDDCR12
1.0uF
VSS
HSIC
3.3V Regulator
(IN)
(OUT)
VBAT
+3.3V
Supply
1.2V
Core Logic
3.3V I/O
USB4604
Dual Supply Application (3.3V & 1.8V)
1.2V Regulator
(IN)
(OUT)
3.3V Internal
Logic
1.0uF
VDDCOREREG
VDDCR12
1.0uF
+1.8V
Supply
VDD33
(2x)
VDDA33
(3x)
VDD33
(2x)
VDD12
VDD12
4.7uF
VSS
4.7uF
4.7uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com