Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4604 Datasheet(PDF) 53 Page - Microchip Technology

Part # USB4604
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4604 Datasheet(HTML) 53 Page - Microchip Technology

Back Button USB4604 Datasheet HTML 49Page - Microchip Technology USB4604 Datasheet HTML 50Page - Microchip Technology USB4604 Datasheet HTML 51Page - Microchip Technology USB4604 Datasheet HTML 52Page - Microchip Technology USB4604 Datasheet HTML 53Page - Microchip Technology USB4604 Datasheet HTML 54Page - Microchip Technology USB4604 Datasheet HTML 55Page - Microchip Technology USB4604 Datasheet HTML 56Page - Microchip Technology USB4604 Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 62 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
 2014 Microchip Technology Inc.
DS00001716A-page 53
9.4
DC Specifications
Table 9.7 DC Electrical Characteristics
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
IS Type Input Buffer
Low Input Level
High Input Level
VIL
VIH
-0.3
2.0
0.8
3.6
V
V
I_RST Type Input Buffer
Low Input Level
High Input Level
VIL
VIH
-0.3
1.25
0.4
3.6
V
V
I_SMB Type Input Buffer
Low Input Level
High Input Level
VIL
VIH
-0.3
1.25
0.35
3.6
V
V
O8 Type Buffers
Low Output Level
High Output Level
VOL
VOH
VDD33 - 0.4
0.4
V
V
IOL = 8 mA
IOH = -8 mA
OD8 Type Buffer
Low Output Level
VOL
0.4
V
IOL = 8 mA
O12 Type Buffers
Low Output Level
High Output Level
VOL
VOH
VDD33 - 0.4
0.4
V
V
IOL = 12 mA
IOH = -12 mA
OD12 Type Buffer
Low Output Level
VOL
0.4
V
IOL = 12 mA
HSIC Type Buffers
Low Input Level
High Input Level
Low Output Level
High Output Level
VIL
VIH
VOL
VOH
-0.3
0.65*VDD12
0.75*VDD12
0.35*VDD12
VDD12+0.3
0.25*VDD12
V
V
V
V
ICLK Type Buffer
(XTAL1/REFCLK Input)
Low Input Level
High Input Level
VIL
VIH
-0.3
0.8
0.35
3.6
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com