Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4604 Datasheet(PDF) 18 Page - Microchip Technology

Part # USB4604
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4604 Datasheet(HTML) 18 Page - Microchip Technology

Back Button USB4604 Datasheet HTML 14Page - Microchip Technology USB4604 Datasheet HTML 15Page - Microchip Technology USB4604 Datasheet HTML 16Page - Microchip Technology USB4604 Datasheet HTML 17Page - Microchip Technology USB4604 Datasheet HTML 18Page - Microchip Technology USB4604 Datasheet HTML 19Page - Microchip Technology USB4604 Datasheet HTML 20Page - Microchip Technology USB4604 Datasheet HTML 21Page - Microchip Technology USB4604 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 62 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
DS00001716A-page 18
 2014 Microchip Technology Inc.
1
Suspend
Output
SUSPEND
PU
This signal is used to indicate that the entire hub
has entered the USB suspend state and that
VBUS current consumption should be reduced in
accordance with the USB specification. Refer to
Section 8.6, "Suspend (SUSPEND)," on page 47
for additional information.
Note:
SUSPEND must be enabled via the
Protouch configuration tool.
1
SOF
Synchronized
8KHz Clock
Output
SOF
O8
This signal outputs an 8KHz clock synchronized
with the USB Host SOF.
Note:
SOF output is controlled via the
SOF_ENABLE bit in the
UTIL_CONFIG1 register
1
Detect
Upstream
VBUS Power
VBUS_DET
IS
Detects state of upstream bus power.
When designing a detachable hub, this pin must
be connected to the VBUS power pin of the
upstream USB port through a resistor divider
(50k
Ω by 100kΩ) to provide 3.3V.
For self-powered applications with a permanently
attached host, this pin must be connected to
either 3.3V or 5.0V through a resistor divider to
provide 3.3V.
In embedded applications, VBUS_DET may be
controlled (toggled) when the host desires to
renegotiate a connection without requiring a full
reset of the device.
1
Port 1 Power
Output
PRTPWR1
O8
Enables power to a downstream USB device
attached to Port 1.
0 = Power disabled on downstream Port 1
1 = Power enabled on downstream Port 1
Port 1 Control
PRTCTL1
OD8/IS
(PU)
When configured as PRTCTL1, this pin functions
as both the Port 1 power enable output
(PRTPWR1) and the Port 1 over-current sense
input (OCS1_N). Refer to the PRTPWR1 and
OCS1_N descriptions for additional information.
1
Port 2 Power
Output
PRTPWR2
O8
Enables power to a downstream USB device
attached to Port 2.
0 = Power disabled on downstream Port 2
1 = Power enabled on downstream Port 2
Port 2 Control
PRTCTL2
OD8/IS
(PU)
When configured as PRTCTL2, this pin functions
as both the Port 2 power enable output
(PRTPWR2) and the Port 2 over-current sense
input (OCS2_N). Refer to the PRTPWR2 and
OCS2_N descriptions for additional information.
Table 3.1 Pin Descriptions (continued)
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com