Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4604 Datasheet(PDF) 33 Page - Microchip Technology

Part # USB4604
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4604 Datasheet(HTML) 33 Page - Microchip Technology

Back Button USB4604 Datasheet HTML 29Page - Microchip Technology USB4604 Datasheet HTML 30Page - Microchip Technology USB4604 Datasheet HTML 31Page - Microchip Technology USB4604 Datasheet HTML 32Page - Microchip Technology USB4604 Datasheet HTML 33Page - Microchip Technology USB4604 Datasheet HTML 34Page - Microchip Technology USB4604 Datasheet HTML 35Page - Microchip Technology USB4604 Datasheet HTML 36Page - Microchip Technology USB4604 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 62 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
 2014 Microchip Technology Inc.
DS00001716A-page 33
"Pin Descriptions," on page 11 and are identified by an underlined symbol name. The following sub-
sections detail the various configuration straps.
Configuration straps include internal resistors in order to prevent the signal from floating when
unconnected. If a particular configuration strap is connected to a load, an external pull-up or pull-down
should be used to augment the internal resistor to ensure that it reaches the required voltage level
prior to latching. The internal resistor can also be overridden by the addition of an external resistor.
Note: The system designer must guarantee that configuration straps meet the timing requirements
specified in Section 9.5.2, "Reset and Configuration Strap Timing," on page 54 and Section
9.5.1, "Power-On Configuration Strap Valid Timing," on page 54. If configuration straps are not
at the correct voltage level prior to being latched, the device may capture incorrect strap
values.
Note: Configuration straps must never be driven as inputs. If required, configuration straps can be
augmented, or overridden with external resistors.
6.3.1
Port Disable (PRT_DIS_Mx/PRT_DIS_Px)
These configuration straps disable the associated USB ports D- and D+ signals, respectively, where
“x” is the USB port number. Both the negative “M” and positive “P” port disable configuration straps for
a given USB port must be tied high at reset to disable the associated port.
6.3.2
SPI Speed Select (SPI_SPD_SEL)
This strap is used to select the speed of the SPI as follows:
Note: If the latched value on reset is 1, this pin is tri-stated when the chip is in the suspend state. If
the latched value on reset is 0, this pin is driven low during a suspend state.
Table 6.1 PRT_DIS_Mx/PRT_DIS_Px Configuration Definitions
PRT_DIS_MX/PRT_DIS_PX
DEFINITION
‘0’
Port x D-/D+ Signal is Enabled (Default)
‘1’
Port x D-/D+ Signal is Disabled
Table 6.2 SPI_SPD_SEL Configuration Definitions
SPI_SPD_SEL
DEFINITION
‘0’
30 MHz SPI Operation (Default)
‘1’
60 MHz SPI Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com