Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4604 Datasheet(PDF) 28 Page - Microchip Technology

Part # USB4604
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4604 Datasheet(HTML) 28 Page - Microchip Technology

Back Button USB4604 Datasheet HTML 24Page - Microchip Technology USB4604 Datasheet HTML 25Page - Microchip Technology USB4604 Datasheet HTML 26Page - Microchip Technology USB4604 Datasheet HTML 27Page - Microchip Technology USB4604 Datasheet HTML 28Page - Microchip Technology USB4604 Datasheet HTML 29Page - Microchip Technology USB4604 Datasheet HTML 30Page - Microchip Technology USB4604 Datasheet HTML 31Page - Microchip Technology USB4604 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 62 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
DS00001716A-page 28
 2014 Microchip Technology Inc.
5.1
Boot Sequence
5.1.1
Standby Mode
If the external hardware reset is asserted, the hub will be in Standby Mode. This mode provides a very
low power state for maximum power efficiency when no signaling is required. This is the lowest power
state. In Standby Mode all internal regulators are powered off, the PLL is not running, and core logic
is powered down in order to minimize power consumption. Because core logic is powered off, no
configuration settings are retained in this mode and must be re-initialized after RESET_N is negated
high.
5.1.2
Hardware Initialization Stage (HW_INIT)
The first stage is the initialization stage and occurs on the negation of RESET_N. In this stage the
1.2V regulator is enabled and stabilizes, internal logic is reset, and the PLL locks if a valid REFCLK
is supplied. Configuration registers are initialized to their default state and strap input values are
latched. The device will complete initialization and automatically enter the next stage. Because the
digital logic within the device is not yet stable, no communication with the device using the SMBus is
possible. Configuration registers are initialized to their default state.
If there is a REFCLK present, the next state is SW_INIT.
5.1.3
Software Initialization Stage (SW_INIT)
Once the hardware is initialized, the firmware can begin to execute. The internal firmware checks for
an external SPI ROM. The firmware looks for an external SPI flash device that contains a valid
signature of “2DFU” (device firmware upgrade) beginning at address 0xFFFA. If a valid signature is
found, then the external ROM is enabled and the code execution begins at address 0x0000 in the
external SPI device. If a valid signature is not found, then execution continues from internal ROM. SPI
ROMs used with the device must be 1 Mbit and support either 30 MHz or 60 MHz. The frequency
used is set using the SPI_SPD_SEL configuration strap. Both 1- and 2-bit SPI operation is supported.
For optimum throughput, a 2-bit SPI ROM is recommended. Both mode 0 and mode 3 SPI ROMS are
also supported. Refer to Section 6.3.2, "SPI Speed Select (SPI_SPD_SEL)," on page 33 for additional
information on selection of the SPI speed.For all other configurations, the firmware checks for the
presence of an external I2C/SMBus. It does this by asserting two pull down resistors on the data and
clock lines of the bus. The pull downs are typically 50Kohm. If there are 10Kohm pull-ups present, the
device becomes aware of the presence of an external SMBus/I2C bus. If a bus is detected, the
firmware transitions to the SOC_CFG state.
5.1.4
SOC Configuration Stage (SOC_CFG)
In this stage, the SOC may modify any of the default configuration settings specified in the integrated
ROM such as USB device descriptors, or port electrical settings, and control features such as
upstream battery charging detection.
There is no time limit. In this stage the firmware will wait indefinitely for the SMBus/I2C configuration.
When the SOC has completed configuring the device, it must write to register 0xFF to end the
configuration.
5.1.5
Configuration Stage (CONFIG)
Once the SOC has indicated that it is done with configuration, then all the configuration data is
combined. The default data, the SOC configuration data, the OTP data are all combined in the firmware
and device is programmed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com