Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4604 Datasheet(PDF) 29 Page - Microchip Technology

Part # USB4604
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4604 Datasheet(HTML) 29 Page - Microchip Technology

Back Button USB4604 Datasheet HTML 25Page - Microchip Technology USB4604 Datasheet HTML 26Page - Microchip Technology USB4604 Datasheet HTML 27Page - Microchip Technology USB4604 Datasheet HTML 28Page - Microchip Technology USB4604 Datasheet HTML 29Page - Microchip Technology USB4604 Datasheet HTML 30Page - Microchip Technology USB4604 Datasheet HTML 31Page - Microchip Technology USB4604 Datasheet HTML 32Page - Microchip Technology USB4604 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 62 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
 2014 Microchip Technology Inc.
DS00001716A-page 29
After the device is fully configured, it will go idle and then into suspend if there is no VBUS or
Hub.Connect present. Once VBUS is present, and upstream battery charging is enabled, the device
will transition to the Battery Charger Detection Stage (CHGDET). If VBUS is present, and upstream
battery charging is not enabled, the device will transitions to the Connect (Hub.Connect) stage.
5.1.6
Battery Charger Detection Stage (CHGDET)
After configuration, if enabled, the device enters the Battery Charger Detection Stage. If the battery
charger detection feature was disabled during the CONFIG stage,
the device will immediately
transition to the Hub Connect (Hub.Connect) stage. If the battery charger detection feature remains
enabled, the battery charger detection sequence is started automatically.
If the charger detection remains enabled, the device will transition to the Hub.Connect stage if using
the hardware detection mechanism.
5.1.7
Hub Connect Stage (Hub.Connect)
Once the CHGDET stage is completed, the device enters the Hub.Connect stage.
5.1.8
Normal Mode
Lastly the SOC enters the Normal Mode of operation. In this stage, full USB operation is supported
under control of the USB Host on the upstream port. The device will remain in the normal mode until
the operating mode is changed by the system.
If RESET_N is asserted low, then Standby Mode is entered. The device may then be placed into any
of the designated Hub stages. Asserting the soft disconnect on the upstream port will cause the Hub
to return to the Hub.Connect stage until the soft disconnect is negated.
To save power, communication over the SMBus is not supported while in USB Suspend. The system
can prevent the device from going to sleep by asserting the ClkSusp control bit of the Configure
Portable Hub Register anytime before entering USB Suspend. While the device is kept awake during
USB Suspend, it will provide the SMBus functionality at the expense of not meeting USB requirements
for average suspend current consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com