Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4604 Datasheet(PDF) 54 Page - Microchip Technology

Part # USB4604
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4604 Datasheet(HTML) 54 Page - Microchip Technology

Back Button USB4604 Datasheet HTML 50Page - Microchip Technology USB4604 Datasheet HTML 51Page - Microchip Technology USB4604 Datasheet HTML 52Page - Microchip Technology USB4604 Datasheet HTML 53Page - Microchip Technology USB4604 Datasheet HTML 54Page - Microchip Technology USB4604 Datasheet HTML 55Page - Microchip Technology USB4604 Datasheet HTML 56Page - Microchip Technology USB4604 Datasheet HTML 57Page - Microchip Technology USB4604 Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 62 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
DS00001716A-page 54
 2014 Microchip Technology Inc.
9.5
AC Specifications
This section details the various AC timing specifications of the device.
9.5.1
Power-On Configuration Strap Valid Timing
Figure 9.1 illustrates the configuration strap timing requirements, in relation to power-on, for
applications where RESET_N is not used at power-on. The operational levels (Vopp) for the external
power supplies are detailed in Section 9.2, "Operating Conditions**," on page 49.
Note: For RESET_N configuration strap timing requirements, refer to Section 9.5.2, "Reset and
Configuration Strap Timing," on page 54.
9.5.2
Reset and Configuration Strap Timing
Figure 9.2 illustrates the RESET_N timing requirements and its relation to the configuration strap
signals. Assertion of RESET_N is not a requirement. However, if used, it must be asserted for the
minimum period specified.
Figure 9.1 Power-On Configuration Strap Valid Timing
Table 9.8 Power-On Configuration Strap Valid Timing
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tcsh
Configuration strap hold after external power supplies at
operational levels
1ms
All External
Power Supplies
Vopp
Configuration
Straps
tcsh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com