Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4604 Datasheet(PDF) 60 Page - Microchip Technology

Part # USB4604
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4604 Datasheet(HTML) 60 Page - Microchip Technology

Back Button USB4604 Datasheet HTML 54Page - Microchip Technology USB4604 Datasheet HTML 55Page - Microchip Technology USB4604 Datasheet HTML 56Page - Microchip Technology USB4604 Datasheet HTML 57Page - Microchip Technology USB4604 Datasheet HTML 58Page - Microchip Technology USB4604 Datasheet HTML 59Page - Microchip Technology USB4604 Datasheet HTML 60Page - Microchip Technology USB4604 Datasheet HTML 61Page - Microchip Technology USB4604 Datasheet HTML 62Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 60 / 62 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
DS00001716A-page 60
 2014 Microchip Technology Inc.
Chapter 11 Datasheet Revision History
Table 11.1 Revision History
REVISION LEVEL
& DATE
SECTION/FIGURE/ENTRY
CORRECTION
USB4604 revision A replaces the previous SMSC version, revision 1.1
Rev. 1.1
(03-06-14)
Ordering Codes, Intro
Added new “-1070” ordering option and detailed
the differences between -1080 and -1070 (Hub
Controller Enabled/Disabled).
Rev. 1.1
(12-06-13)
SMBus Runtime Registers
Register definitions removed. These definitions are
provided in application note AN 26.18 “SMBus
Slave Interface for the
USB253x/USB3x13/USB46x4”.
Rev. 1.1
(09-24-13)
Table 9.7, “DC Electrical
Characteristics,” on page 53
Updated ICLK VIH max from “VDDCR12” to “3.6”
Section 9.6.2, "External Reference
Clock (REFCLK)," on page 58
Removed 50% duty cycle requirement.
Rev. 1.0
(06-17-13)
Initial Release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com