Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4604 Datasheet(PDF) 26 Page - Microchip Technology

Part # USB4604
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4604 Datasheet(HTML) 26 Page - Microchip Technology

Back Button USB4604 Datasheet HTML 22Page - Microchip Technology USB4604 Datasheet HTML 23Page - Microchip Technology USB4604 Datasheet HTML 24Page - Microchip Technology USB4604 Datasheet HTML 25Page - Microchip Technology USB4604 Datasheet HTML 26Page - Microchip Technology USB4604 Datasheet HTML 27Page - Microchip Technology USB4604 Datasheet HTML 28Page - Microchip Technology USB4604 Datasheet HTML 29Page - Microchip Technology USB4604 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 62 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
DS00001716A-page 26
 2014 Microchip Technology Inc.
Chapter 5 Modes of Operation
The device provides two main modes of operation: Standby Mode and Hub Mode. The operating mode
of the device is selected by setting values on primary inputs according to the table below.
Note: Refer to Section 8.4.2, "External Chip Reset (RESET_N)," on page 46 for additional information
on RESET_N.
The flowchart in Figure 5.1 shows the modes of operation. It also shows how the device traverses
through the Hub mode stages (shown in bold.) The flow of control is dictated by control register bits
shown in italics as well as other events such as availability of a reference clock. The remaining sections
in this chapter provide more detail on each stage and mode of operation.
Table 5.1 Controlling Modes of Operation
RESET_N
INPUT
RESULTING
MODE
SUMMARY
0
Standby
Lowest Power Mode: No functions are active other than monitoring the
RESET_N input. All port interfaces are high impedance. All regulators are
powered off.
1
Hub
Full Feature Mode: Device operates as a configurable USB hub with battery
charger detection. Power consumption is based on the number of active ports,
their speed, and amount of data transferred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com