Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4604 Datasheet(PDF) 19 Page - Microchip Technology

Part # USB4604
Description  USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB4604 Datasheet(HTML) 19 Page - Microchip Technology

Back Button USB4604 Datasheet HTML 15Page - Microchip Technology USB4604 Datasheet HTML 16Page - Microchip Technology USB4604 Datasheet HTML 17Page - Microchip Technology USB4604 Datasheet HTML 18Page - Microchip Technology USB4604 Datasheet HTML 19Page - Microchip Technology USB4604 Datasheet HTML 20Page - Microchip Technology USB4604 Datasheet HTML 21Page - Microchip Technology USB4604 Datasheet HTML 22Page - Microchip Technology USB4604 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 62 page
background image
USB 2.0 HSIC Hi-Speed 4-Port Hub Controller
Datasheet
 2014 Microchip Technology Inc.
DS00001716A-page 19
1
Port 3 Power
Output
PRTPWR3
O8
Enables power to a downstream USB device
attached to Port 3.
0 = Power disabled on downstream Port 3
1 = Power enabled on downstream Port 3
Port 3 Control
PRTCTL3
OD8/IS
(PU)
When configured as PRTCTL3, this pin functions
as both the Port 3 power enable output
(PRTPWR3) and the Port 3 over-current sense
input (OCS3_N). Refer to the PRTPWR3 and
OCS3_N descriptions for additional information.
1
Port 4 Power
Output
PRTPWR4
O8
Enables power to a downstream USB device
attached to Port 4.
0 = Power disabled on downstream Port 4
1 = Power enabled on downstream Port 4
Port 4 Control
PRTCTL4
OD8/IS
(PU)
When configured as PRTCTL4, this pin functions
as both the Port 4 power enable output
(PRTPWR4) and the Port 4 over-current sense
input (OCS4_N). Refer to the PRTPWR4 and
OCS4_N descriptions for additional information.
6
No Connect
NC
-
These pins must be left floating for normal device
operation.
POWER
1
Battery
Power Supply
Input
VBAT
P
Battery power supply input. When VBAT is
connected directly to a +3.3V supply from the
system, the internal +3.3V regulator runs in
dropout and regulator power consumption is
eliminated. A 4.7
μF (<1
Ω ESR) capacitor to
ground is required for regulator stability. The
capacitor should be placed as close as possible
to the device. Refer to Chapter 4, "Power
Connections," on page 23 for power connection
information.
3
+3.3V Analog
Power Supply
VDDA33
P
+3.3V analog power supply. A 1.0
μF (<1
Ω ESR)
capacitor to ground is required for regulator
stability. The capacitor should be placed as close
as possible to the device. Refer to Chapter 4,
"Power Connections," on page 23 for power
connection information.
2
+3.3V Power
Supply
VDD33
P
+3.3V power supply. These pins must be
connected to VDDA33. Refer to Chapter 4,
"Power Connections," on page 23 for power
connection information.
Table 3.1 Pin Descriptions (continued)
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com