Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5973AD Datasheet(PDF) 9 Page - STMicroelectronics

Part # R5973AD
Description  Up to 1.5 A step-down switching regulator for aerospace applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5973AD Datasheet(HTML) 9 Page - STMicroelectronics

Back Button R5973AD Datasheet HTML 5Page - STMicroelectronics R5973AD Datasheet HTML 6Page - STMicroelectronics R5973AD Datasheet HTML 7Page - STMicroelectronics R5973AD Datasheet HTML 8Page - STMicroelectronics R5973AD Datasheet HTML 9Page - STMicroelectronics R5973AD Datasheet HTML 10Page - STMicroelectronics R5973AD Datasheet HTML 11Page - STMicroelectronics R5973AD Datasheet HTML 12Page - STMicroelectronics R5973AD Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
DocID027027 Rev 1
9/38
R5973AD
Functional description
38
5
Functional description
The main internal blocks are shown in the device block diagram in Figure 2. They are:
A voltage regulator supplying the internal circuitry. From this regulator, a 3.3 V
reference voltage is externally available.
A voltage monitor circuit which checks the input and the internal voltages.
A fully integrated sawtooth oscillator with a frequency of 500 kHz
15%, including also
the voltage feed-forward function and an input/output synchronization pin.
Two embedded current limitation circuits which control the current that flows through
the power switch. The pulse-by-pulse current limit forces the power switch OFF cycle-
by-cycle if the current reaches an internal threshold, while the frequency shifter
reduces the switching frequency in order to significantly reduce the duty cycle.
A transconductance error amplifier.
A pulse width modulator (PWM) comparator and the relative logic circuitry necessary to
drive the internal power.
A high-side driver for the internal P-MOS switch.
An inhibit block for standby operation.
A circuit to implement the thermal protection function.
Figure 2. Block diagram
5.1
Power supply and voltage reference
The internal regulator circuit (shown in Figure 3) consists of a start-up circuit, an internal
voltage pre-regulator, the bandgap voltage reference and the bias block that provides
current to all the blocks. The starter supplies the start-up currents to the entire device when
the input voltage goes high and the device is enabled (inhibit pin connected to ground). The
pre-regulator block supplies the bandgap cell with a pre-regulated voltage VREG that has
a very low supply voltage noise sensitivity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com