Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5973AD Datasheet(PDF) 19 Page - STMicroelectronics

Part # R5973AD
Description  Up to 1.5 A step-down switching regulator for aerospace applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5973AD Datasheet(HTML) 19 Page - STMicroelectronics

Back Button R5973AD Datasheet HTML 15Page - STMicroelectronics R5973AD Datasheet HTML 16Page - STMicroelectronics R5973AD Datasheet HTML 17Page - STMicroelectronics R5973AD Datasheet HTML 18Page - STMicroelectronics R5973AD Datasheet HTML 19Page - STMicroelectronics R5973AD Datasheet HTML 20Page - STMicroelectronics R5973AD Datasheet HTML 21Page - STMicroelectronics R5973AD Datasheet HTML 22Page - STMicroelectronics R5973AD Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
DocID027027 Rev 1
19/38
R5973AD
Closing the loop
38
7.3
PWM comparator
The PWM gain is given by the following formula:
Equation 12
where VOSCMAX is the maximum value of a sawtooth waveform and VOSCMIN is the
minimum value. A voltage feed-forward is implemented to ensure a constant GPWM. This is
obtained by generating a sawtooth waveform directly proportional to the input voltage VCC.
Equation 13
Where K is equal to 0.038. Therefore the PWM gain is also equal to:
Equation 14
This means that even if the input voltage changes, the error amplifier does not change its
value to keep the loop in regulation, thus ensuring a better line regulation and line transient
response.
In summary, the open loop gain can be expressed as:
Equation 15
Example 1
Considering RC = 1.8 k, CC = 68 nF and CP = 330 pF, the poles and zeroes of A0 are:
FP1 = 2.9 Hz
FP2 = 265 kHz
FZ1 = 1.3 kHz
If L = 12 µH, COUT = 330 µF and ESR = 55 m, the poles and zeroes of ALC become:
FPLC = 2.5 kHz
FZESR = 8.7 kHz
Finally R1 = 5.6 k and R2 = 3.3 k.
GPWM s

Vcc
VOSCMAX VOSCMIN
–

-------------------------------------------------------------
=
VOSCMAX VOSCMIN
–
KVCC
=
GPWM s

1
K
----
const
==
Gs

GPWM s

R2
R1 R2
+
--------------------
AO s

ALC
s

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com