Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5973AD Datasheet(PDF) 23 Page - STMicroelectronics

Part # R5973AD
Description  Up to 1.5 A step-down switching regulator for aerospace applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5973AD Datasheet(HTML) 23 Page - STMicroelectronics

Back Button R5973AD Datasheet HTML 19Page - STMicroelectronics R5973AD Datasheet HTML 20Page - STMicroelectronics R5973AD Datasheet HTML 21Page - STMicroelectronics R5973AD Datasheet HTML 22Page - STMicroelectronics R5973AD Datasheet HTML 23Page - STMicroelectronics R5973AD Datasheet HTML 24Page - STMicroelectronics R5973AD Datasheet HTML 25Page - STMicroelectronics R5973AD Datasheet HTML 26Page - STMicroelectronics R5973AD Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
DocID027027 Rev 1
23/38
R5973AD
Application information
38
Inductor
The inductor value is very important as it fixes the ripple current flowing through the output
capacitor. The ripple current is usually fixed at 20 - 40% of Iomax, which is 0.3 - 0.6 A with
IOmax = 1.5 A. The approximate inductor value is obtained using the following formula:
Equation 20
where TON is the ON time of the internal switch, given by D · T. For example, with
VOUT = 3.3 V, VIN = 12 V and IO = 0.45 A, the inductor value is about 12 µH. The peak
current through the inductor is given by:
Equation 21
and it can be observed that if the inductor value decreases, the peak current (which must be
lower than the current limit of the device) increases. So, when the peak current is fixed,
a higher inductor value allows a higher value for the output current. In Table 8, some
inductor manufacturers are listed.
8.2
Layout considerations
The layout of switching DC-DC converters is very important to minimize noise and
interference. Power-generating portions of the layout are the main cause of noise and so
high switching current loop areas should be kept as small as possible and lead lengths as
short as possible.
Table 7. Output capacitor selection
Manufacturer
Series
Cap value (µF)
Rated voltage (V)
ESR (m
)
Sanyo POSCAP(1)
1. POSCAP capacitors have some characteristics which are very similar to tantalum.
TAE
100 to 470
4 to 16
25 to 35
THB/C/E
100 to 470
4 to 16
25 to 55
AVX
TPS
100 to 470
4 to 35
50 to 200
KEMET
T494/5
100 to 470
4 to 20
30 to 200
Sprague
595D
220 to 390
4 to 20
160 to 650
Table 8. Inductor selection
Manufacturer
Series
Inductor value (µH)
Saturation current (A)
Coilcraft
DO3316T
15 to 33
2.0 to 3.0
Coiltronics
UP1B
22 to 33
2.0 to 2.4
BI
HM76-3
15 to 33
2.5 to 3.3
Epcos
B82476
15 to 33
2 to 3
Wurth Elektronik
74456115
15 to 33
2.5 to 3
L
VIN VOUT
–

I
---------------------------------- TON
=
IPK
IO
I
2
-----
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com