Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5973AD Datasheet(PDF) 25 Page - STMicroelectronics

Part # R5973AD
Description  Up to 1.5 A step-down switching regulator for aerospace applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5973AD Datasheet(HTML) 25 Page - STMicroelectronics

Back Button R5973AD Datasheet HTML 21Page - STMicroelectronics R5973AD Datasheet HTML 22Page - STMicroelectronics R5973AD Datasheet HTML 23Page - STMicroelectronics R5973AD Datasheet HTML 24Page - STMicroelectronics R5973AD Datasheet HTML 25Page - STMicroelectronics R5973AD Datasheet HTML 26Page - STMicroelectronics R5973AD Datasheet HTML 27Page - STMicroelectronics R5973AD Datasheet HTML 28Page - STMicroelectronics R5973AD Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
DocID027027 Rev 1
25/38
R5973AD
Application information
38
compensate for the losses in the overall application. For this reason, the switching losses
related to the RDSON increases compared to an ideal case.
Switching losses due to turning ON and OFF. These are derived using the following
equation:
Equation 23
Where TRISE and TFALL represent the switching times of the power element that cause the
switching losses when driving an inductive load (see Figure 14). TSW is the equivalent
switching time.
Figure 14. Switching losses
Quiescent current losses.
Equation 24
Where IQ is the quiescent current.
Example 2
VIN = 12 V
VOUT = 3.3 V
IOUT = 1.5 A
RDS(on) has a typical value of 0.25 at 25 °C and increases up to a maximum value of 0.5. at
150 °C. We can consider a value of 0.4
.
TSW is approximately 70 ns.
IQ has a typical value of 2.7 mA at VIN = 12 V.
The overall losses are:
PSW
VIN IOUT
TON TOFF
+

2
------------------------------------
FSW VIN
=
IOUT TSW
FSW
=
PQ
VIN IQ
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com