Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5973AD Datasheet(PDF) 33 Page - STMicroelectronics

Part # R5973AD
Description  Up to 1.5 A step-down switching regulator for aerospace applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5973AD Datasheet(HTML) 33 Page - STMicroelectronics

Back Button R5973AD Datasheet HTML 29Page - STMicroelectronics R5973AD Datasheet HTML 30Page - STMicroelectronics R5973AD Datasheet HTML 31Page - STMicroelectronics R5973AD Datasheet HTML 32Page - STMicroelectronics R5973AD Datasheet HTML 33Page - STMicroelectronics R5973AD Datasheet HTML 34Page - STMicroelectronics R5973AD Datasheet HTML 35Page - STMicroelectronics R5973AD Datasheet HTML 36Page - STMicroelectronics R5973AD Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
DocID027027 Rev 1
33/38
R5973AD
Typical characteristics
38
9
Typical characteristics
Figure 23. Junction temperature vs.
output current - VIN = 5 V
Figure 24. Junction temperature vs.
output current - VIN = 12 V
Figure 25. Load regulation
Figure 26. Line regulation
Figure 27. Output voltage vs. junction
temperature
Figure 28. Shutdown current vs. junction
temperature
3.276
3.28
3.284
3.288
3.292
3.296
3.3
3.304
3.308
3.312
00.5
11.5
Io (A)
Vo (V)
Tj = 125°C
Tj = 25°C
Vcc = 12V
Vo = 3.3V
3.276
3.28
3.284
3.288
3.292
3.296
3.3
3.304
3.308
3.312
010
20
30
40
Vcc (V)
Tj =125°C
Tj =25°C
Vcc =12V
Vo=3.3V
Vo(V)
Tj (°C)
Vcc=12V
1.2
1.21
1.22
1.23
1.24
1.25
-50
0
50
100
150
Vo (V)
Vcc = 12V
30
40
50
60
70
-50
0
50
100
150
Ishd (
A)
Vcc = 12V
Tj (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com