Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5973AD Datasheet(PDF) 11 Page - STMicroelectronics

Part # R5973AD
Description  Up to 1.5 A step-down switching regulator for aerospace applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5973AD Datasheet(HTML) 11 Page - STMicroelectronics

Back Button R5973AD Datasheet HTML 7Page - STMicroelectronics R5973AD Datasheet HTML 8Page - STMicroelectronics R5973AD Datasheet HTML 9Page - STMicroelectronics R5973AD Datasheet HTML 10Page - STMicroelectronics R5973AD Datasheet HTML 11Page - STMicroelectronics R5973AD Datasheet HTML 12Page - STMicroelectronics R5973AD Datasheet HTML 13Page - STMicroelectronics R5973AD Datasheet HTML 14Page - STMicroelectronics R5973AD Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
DocID027027 Rev 1
11/38
R5973AD
Functional description
38
Figure 4. Oscillator circuit block diagram
Figure 5. Synchronization example
5.4
Current protection
The R5973AD device features two types of current limit protection: pulse-by-pulse and
frequency foldback.
The schematic of the current limitation circuitry for the pulse-by-pulse protection is shown in
Figure 6. The output power PDMOS transistor is split into two parallel PDMOS transistors.
The smallest one includes a resistor in series, RSENSE. The current is sensed through
RSENSE and if it reaches the threshold, the mirror becomes unbalanced and the PDMOS is
switched off until the next falling edge of the internal clock pulse. Due to this reduction of the
ON time, the output voltage decreases. Since the minimum switch ON time necessary to
sense the current in order to avoid a false overcurrent signal is too short to obtain
a sufficiently low duty cycle at 500 kHz (see Section 8.4 on page 26), the output current in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com