Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5973AD Datasheet(PDF) 18 Page - STMicroelectronics

Part # R5973AD
Description  Up to 1.5 A step-down switching regulator for aerospace applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5973AD Datasheet(HTML) 18 Page - STMicroelectronics

Back Button R5973AD Datasheet HTML 14Page - STMicroelectronics R5973AD Datasheet HTML 15Page - STMicroelectronics R5973AD Datasheet HTML 16Page - STMicroelectronics R5973AD Datasheet HTML 17Page - STMicroelectronics R5973AD Datasheet HTML 18Page - STMicroelectronics R5973AD Datasheet HTML 19Page - STMicroelectronics R5973AD Datasheet HTML 20Page - STMicroelectronics R5973AD Datasheet HTML 21Page - STMicroelectronics R5973AD Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
Closing the loop
R5973AD
18/38
DocID027027 Rev 1
7.2
LC filter
The transfer function of the L-C filter is given by:
Equation 6
where RLOAD is defined as the ratio between VOUT and IOUT.
If RLOAD >> ESR, the previous expression of ALC can be simplified and becomes:
Equation 7
The zero of this transfer function is given by:
Equation 8
F0 is the zero introduced by the ESR of the output capacitor and it is very important to
increase the phase margin of the loop.
The poles of the transfer function can be calculated through the following expression:
Equation 9
In the denominator of ALC the typical second order system equation can be recognized:
Equation 10
If the damping coefficient
 is very close to zero, the roots of the equation become a double
root whose value is
n.
Similarly for ALC the poles can usually be defined as a double pole whose value is:
Equation 11
ALC s

RLOAD 1ESR COUT s
+

s
2
LCOUT ESR RLOAD
+
 sESR C
OUT
RLOAD L
+
 R
LOAD
+
+
----------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------
=
ALC s

1 ESR COUT
s
+
LCOUT
s
2
ESR COUT
s1
+
+
----------------------------------------------------------------------------------------------
=
FO
1
2
ESR
COUT
----------------------------------------------------
=
FPLC1 2
ESR COUT
ESR COUT

2
4L
COUT
–
–
2L
COUT
------------------------------------------------------------------------------------------------------------------------------------------
=
s
2
2

n
s
2
n
+
+
FPLC
1
2
LCOUT
----------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com