Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5973AD Datasheet(PDF) 26 Page - STMicroelectronics

Part # R5973AD
Description  Up to 1.5 A step-down switching regulator for aerospace applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5973AD Datasheet(HTML) 26 Page - STMicroelectronics

Back Button R5973AD Datasheet HTML 22Page - STMicroelectronics R5973AD Datasheet HTML 23Page - STMicroelectronics R5973AD Datasheet HTML 24Page - STMicroelectronics R5973AD Datasheet HTML 25Page - STMicroelectronics R5973AD Datasheet HTML 26Page - STMicroelectronics R5973AD Datasheet HTML 27Page - STMicroelectronics R5973AD Datasheet HTML 28Page - STMicroelectronics R5973AD Datasheet HTML 29Page - STMicroelectronics R5973AD Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
Application information
R5973AD
26/38
DocID027027 Rev 1
Equation 25
The junction temperature of device will be:
Equation 26
Where TA is the ambient temperature and RthJ-A is the thermal resistance junction to
ambient. Considering that the device is mounted on the board with a good ground plane,
that it has a thermal resistance junction to ambient (RthJ-A) of about 40 °C/W, and an
ambient temperature of about 70 °C:
Equation 27
8.4
Short-circuit protection
In overcurrent protection mode, when the peak current reaches the current limit, the device
reduces the TON down to its minimum value (approximately 250 nsec) and the switching
frequency to approximately one third of its nominal value even when synchronized to an
external signal (see Section 5.4: Current protection on page 11). In these conditions, the
duty cycle is strongly reduced and, in most applications, this is enough to limit the current to
ILIM. In any event, in case of heavy short-circuit at the output (VO = 0 V) and depending on
the application conditions (Vcc value and parasitic effect of external components) the current
peak could reach values higher than ILIM. This can be understood considering the inductor
current ripple during the ON and OFF phases:
ON phase
Equation 28
OFF phase
Equation 29
where VD is the voltage drop across the diode, DCRL is the series resistance of the inductor.
In short-circuit conditions VOUT is negligible so during TOFF the voltage across the inductor
is very small as equal to the voltage drop across parasitic components (typically the DCR of
the inductor and the VFW of the free wheeling diode) while during TON the voltage applied
the inductor is instead maximized as approximately equal to VIN.
So the Equation 28 and the Equation 29 in overcurrent conditions can be simplified to:
Equation 30
PTOT
RDSON IOUT

2
DVIN IOUT
TSW
FSW VIN IQ=
+
+
=
0.4 1.5
2
0.3 12 1.5
70
10
9
–
500
10
3
12 2.7
10
3
–
+
+
0.93W
=
TJ
TA RthJA
–
PTOT
+
=
TJ
70 0.93 42 110
C
+
=
IL TON
VIN Vout
–
DCRL RDSON
+
 I
–
L
------------------------------------------------------------------------------------ TON

=
IL TOFF
VD Vout DCRL I
++

–
L
--------------------------------------------------------------- TOFF

=
IL TON
VIN DCRL RDSON
+
 I
–
L
---------------------------------------------------------------- TON MIN

VIN
L
--------- 250ns

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com