Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5973AD Datasheet(PDF) 31 Page - STMicroelectronics

Part # R5973AD
Description  Up to 1.5 A step-down switching regulator for aerospace applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5973AD Datasheet(HTML) 31 Page - STMicroelectronics

Back Button R5973AD Datasheet HTML 27Page - STMicroelectronics R5973AD Datasheet HTML 28Page - STMicroelectronics R5973AD Datasheet HTML 29Page - STMicroelectronics R5973AD Datasheet HTML 30Page - STMicroelectronics R5973AD Datasheet HTML 31Page - STMicroelectronics R5973AD Datasheet HTML 32Page - STMicroelectronics R5973AD Datasheet HTML 33Page - STMicroelectronics R5973AD Datasheet HTML 34Page - STMicroelectronics R5973AD Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
DocID027027 Rev 1
31/38
R5973AD
Application information
38
8.7
Synchronization example
See Section 5.3 on page 10 for details.
Figure 20. Synchronization example
8.8
Compensation network with MLCC at the output
MLCCs (multiple layer ceramic capacitor) with values in the range of 10 µF - 22 µF and
rated voltages in the range of 10 V-25 V are available today at relatively low cost from many
manufacturers.
These capacitors have very low ESR values (a few m
) and thus are occasionally used for
the output filter in order to reduce the voltage ripple and the overall size of the application.
However, a very low ESR value affects the compensation of the loop (see Section 7 on page
16) and in order to keep the system stable, a more complicated compensation network may
be required. However, due to the architecture of the internal error amplifier the bandwidth
with this compensation is limited.
That is why output capacitors with a not negligible ESR are suggested. The selection of the
output capacitor have to guarantee that the zero introduced by this component is inside the
designed system bandwidth and close to the frequency of the double pole introduced by the
LC filter. A general rule for the selection of this compound for the system stability is provided
in Equation 41.
Equation 41
fZ ESR
1
2
 ESR C
OUT

------------------------------------------------
=
bandwidth
fLC f
Z ESR
10 fLC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com