Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5973AD Datasheet(PDF) 15 Page - STMicroelectronics

Part # R5973AD
Description  Up to 1.5 A step-down switching regulator for aerospace applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5973AD Datasheet(HTML) 15 Page - STMicroelectronics

Back Button R5973AD Datasheet HTML 11Page - STMicroelectronics R5973AD Datasheet HTML 12Page - STMicroelectronics R5973AD Datasheet HTML 13Page - STMicroelectronics R5973AD Datasheet HTML 14Page - STMicroelectronics R5973AD Datasheet HTML 15Page - STMicroelectronics R5973AD Datasheet HTML 16Page - STMicroelectronics R5973AD Datasheet HTML 17Page - STMicroelectronics R5973AD Datasheet HTML 18Page - STMicroelectronics R5973AD Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
DocID027027 Rev 1
15/38
R5973AD
Additional features and protection
38
6
Additional features and protection
6.1
Feedback disconnection
If the feedback is disconnected, the duty cycle increases towards the maximum allowed
value, bringing the output voltage close to the input supply. This condition could destroy the
load.
To avoid this hazardous condition, the device is turned OFF if the feedback pin is left
floating.
6.2
Output overvoltage protection
Overvoltage protection, or OVP, is achieved by using an internal comparator connected to
the feedback, which turns OFF the power stage when the OVP threshold is reached. This
threshold is typically 30% higher than the feedback voltage.
When a voltage divider is required to adjust the output voltage (Figure 15 on page 27), the
OVP intervention will be set at:
Equation 1
Where R1 is the resistor connected between the output voltage and the feedback pin, and
R2 is between the feedback pin and ground.
6.3
Zero load
Due to the fact that the internal power is a PDMOS, no boostrap capacitor is required and so
the device works properly even with no load at the output. In this case it works in burst
mode, with a random burst repetition rate.
VOVP
1.3
R1 R2
+
R2
--------------------
VFB
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com