Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCOM10 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STCOM10
Description  Powerline communication and application system-on-chip
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCOM10 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STCOM10 Datasheet HTML 6Page - STMicroelectronics STCOM10 Datasheet HTML 7Page - STMicroelectronics STCOM10 Datasheet HTML 8Page - STMicroelectronics STCOM10 Datasheet HTML 9Page - STMicroelectronics STCOM10 Datasheet HTML 10Page - STMicroelectronics STCOM10 Datasheet HTML 11Page - STMicroelectronics STCOM10 Datasheet HTML 12Page - STMicroelectronics STCOM10 Datasheet HTML 13Page - STMicroelectronics STCOM10 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 58 page
background image
Description
STCOM
10/58
DocID028515 Rev 1
Zero crossing comparator
The mains line zero crossing can be detected by providing a mains synchronous bipolar
(AC) signal at the input of this comparator.
The zero crossing comparator provides positive and negative event information
(rising/falling edge or high/low level).
1.2.4
Line driver
The STCOM is equipped with an integrated high-performance dual power line driver. It has
very low distortion, allowing the device to comply with EMC requirements.
When supplied at maximum voltage, the line driver is capable to provide 28 V p-p in
differential configuration or 14 V p-p in single-ended configuration.
The output current can reach 1 A rms in both differential and single-ended configurations, in
order to drive very low power line impedance.
Any overtemperature event will force the line driver to shut down, thus preventing the
STCOM to get damaged.
1.3
Application core sub-system
1.3.1
ARM® Cortex™-M4F core
The Cortex™-M4 processor is built on a high-performance processor core, with a 3-stage
pipeline Harvard architecture, making it ideal for demanding embedded applications. The
processor delivers exceptional power efficiency through an efficient instruction set and
extensively optimized design, providing high end processing hardware including IEEE754-
compliant single precision (32-bit) floating point computation, a range of a single cycle and
SIMD multiplication and multiply with accumulate capabilities, saturating arithmetic and
dedicated hardware division.
To facilitate the design of cost-sensitive devices, the Cortex™-M4 processor implements
tightly coupled system components that reduce processor area while significantly improving
interrupt handling and system debug capabilities. The Cortex™-M4 processor implements
a version of the Thumb® instruction set based on Thumb-2® technology, ensuring high code
density and reduced program memory requirements. The Cortex™-M4 instruction set
provides the exceptional performance expected of a modern 32-bit architecture, with the
high code density of 8-bit and 16-bit microcontrollers.
The Cortex™-M4 processor provides multiple interfaces using AMBA™ technology to
provide high-speed, low latency memory accesses. It supports unaligned data accesses
and implements atomic bit manipulation that enables faster peripheral controls, system
spinlocks and thread-safe Boolean data handling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com