Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCOM10 Datasheet(PDF) 48 Page - STMicroelectronics

Part # STCOM10
Description  Powerline communication and application system-on-chip
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCOM10 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STCOM10 Datasheet HTML 44Page - STMicroelectronics STCOM10 Datasheet HTML 45Page - STMicroelectronics STCOM10 Datasheet HTML 46Page - STMicroelectronics STCOM10 Datasheet HTML 47Page - STMicroelectronics STCOM10 Datasheet HTML 48Page - STMicroelectronics STCOM10 Datasheet HTML 49Page - STMicroelectronics STCOM10 Datasheet HTML 50Page - STMicroelectronics STCOM10 Datasheet HTML 51Page - STMicroelectronics STCOM10 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 58 page
background image
Electrical characteristics
STCOM
48/58
DocID028515 Rev 1
Table 17. Supply characteristics - QFS
Symbol
Parameter
Conditions
Min. Typ. Max. Unit
I(DVDD_1V2_QFS)
QFS power consumption from 1.2 V
power supply
Master clock = 24 MHz see(1)
5.1
mA
I(DVDD_3V3_QFS)
QFS power consumption from 3.3 V
power supply
Master clock = 24 MHz see(1)
1.1
mA
1. The test is performed with the following enabled digital blocks: 2 x GPT, 2 x SPI, 2 x USART, IPC, DMA, 2 x I2C, AES,
TRNG. The value is calculated by measuring the difference in the supply current with and without QFS enabled and running.
Table 18. 24 MHz oscillator
Symbol
Parameter
Conditions
Min. Typ. Max. Unit
f(MCLK)
Crystal oscillator frequency
24
MHz
C0
External quartz crystal
Shunt capacitance
3.5
pF
ESR
External quartz crystal ESR value
See(1)
60
CL
MCLK_IN , MCLK_OUT load
capacitance
See(1)
10
15
pF
1. Guaranteed by design, not tested in production.
Table 19. 32 kHz oscillator
Symbol
Parameter
Conditions
Min.
Typ.
Max. Unit
f(OSC32)
Crystal oscillator frequency
32.768
kHz
C0
External quartz crystal
Shunt capacitance
0.9
pF
ESR
External quartz crystal ESR value See(1)
60
k
CL
External quartz crystal load
capacitance
See(1)
12.5
pF
1. Guaranteed by design, not tested in production.
Table 20. Digital supply characteristics - I/O
Symbol
Parameter
Conditions
Min. Typ. Max. Unit
I(DVDD_3V3_IO)
3.3 V I/O digital
supply current
8 GPIO toggling at 0.5 MHz with Cext ~= 50 pF see(1)
23.0
mA
I(DVDD_3V3_IO)
3.3 V I/O digital
supply current
8 GPIO toggling at 1 MHz with Cext ~= 50 pF see(1)
24.9
mA
I(DVDD_3V3_IO)
3.3 V I/O digital
supply current
8 GPIO toggling at 8 MHz with Cext ~= 50 pF see(1)
49.4
mA
1. The tests are performed with the following enabled digital blocks: 2 x GPT, 2 x SPI, 2 x USART, IPC, DMA, 2 x I2C, AES,
TRNG, QFS. Cortex™ frequency equals to 96 MHz and Cortex™ fetching by RAM. The values are calculated by measuring
the difference in the supply current with and without 8 GPIOs enabled and toggling at the given frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com