Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCOM10 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STCOM10
Description  Powerline communication and application system-on-chip
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCOM10 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STCOM10 Datasheet HTML 10Page - STMicroelectronics STCOM10 Datasheet HTML 11Page - STMicroelectronics STCOM10 Datasheet HTML 12Page - STMicroelectronics STCOM10 Datasheet HTML 13Page - STMicroelectronics STCOM10 Datasheet HTML 14Page - STMicroelectronics STCOM10 Datasheet HTML 15Page - STMicroelectronics STCOM10 Datasheet HTML 16Page - STMicroelectronics STCOM10 Datasheet HTML 17Page - STMicroelectronics STCOM10 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 58 page
background image
Description
STCOM
14/58
DocID028515 Rev 1
1.3.4
DMA controller (DMA)
The STCOM embeds 1 general purpose dual port DMA controller with 8 channels. It is able
to manage memory-to-memory, peripheral-to-memory and memory-to-peripheral transfers.
It features dedicated FIFOs for APB/AHB peripherals, a supports burst transfer and is
designed to provide the maximum peripheral bandwidth (AHB/APB).
The DMA controller supports circular buffer management, so that no specific code is needed
when the controller reaches the end of the buffer. It also has a double buffering feature,
which automates the use and switching of two memory buffers without requiring any special
code.
Each channel is connected to dedicated hardware DMA requests, with support for
a software trigger on each stream. Configuration is made by software and transfer sizes
between source and destination are independent.
60
67
GPIO02
GPIO02 global interrupt
61
68
GPIO03
GPIO03 global interrupt
62
69
GPIO04
GPIO04 global interrupt
63
70
GPIO05
GPIO05 global interrupt
64
71
GPIO06
GPIO06 global interrupt
65
72
GPIO07
GPIO07 global interrupt
66
73
GPIO08
GPIO08 global interrupt
67
74
GPIO09
GPIO09 global interrupt
68
75
GPIO10
GPIO10 global interrupt
69
76
GPT4
GPT4 - global interrupt
70
77
GPT5
GPT5 - global interrupt
71
78
GPT6
GPT6 - global interrupt
72
79
GPT7
GPT7 - global interrupt
73
80
-
Reserved
74
81
-
Reserved
75
82
-
Reserved
76
83
-
Reserved
77
84
-
Reserved
78
85
-
Reserved
79
86
-
Reserved
Table 2. Interrupt definition and position (continued)
Position Priority
Acronym
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com