Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCOM10 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STCOM10
Description  Powerline communication and application system-on-chip
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCOM10 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STCOM10 Datasheet HTML 14Page - STMicroelectronics STCOM10 Datasheet HTML 15Page - STMicroelectronics STCOM10 Datasheet HTML 16Page - STMicroelectronics STCOM10 Datasheet HTML 17Page - STMicroelectronics STCOM10 Datasheet HTML 18Page - STMicroelectronics STCOM10 Datasheet HTML 19Page - STMicroelectronics STCOM10 Datasheet HTML 20Page - STMicroelectronics STCOM10 Datasheet HTML 21Page - STMicroelectronics STCOM10 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 58 page
background image
Description
STCOM
18/58
DocID028515 Rev 1
1.3.10
CRC (cyclic redundancy check) calculation unit
The cyclic redundancy check (CRC) is a widely used method for detecting errors. The CRC
calculation unit is used to get a CRC code in a flexible way using a configurable polynomial.
Output data size can be selected between 8, 16, 24 or 32 bits.
Input data size can be configured between 1, 8, 16, 24 or 32 bits with selectable bit and byte
endianness.
The CRC unit allows the specification of the initial value (all zero, all one, or a generic value)
and the possibility to select an automatic XOR with all one when reading the data output.
1.3.11
Communication interfaces
Inter-integrated circuit interface (I2C)
The STCOM embeds 3 I2C bus interfaces that can operate in multimaster and slave modes.
They can support the Standard and Fast modes. They support the 7/10-bit addressing mode
and the 7-bit dual addressing mode (as slave). A hardware CRC generation/verification is
embedded.
The I2C peripherals can be served by DMA and support SMBus 2.0/PMBus™ operations.
Universal synchronous/asynchronous receiver transmitters (USART)
The STCOM embeds 5 universal synchronous/asynchronous receiver transmitters.
These five interfaces provide asynchronous communication, IrDA® SIR ENDEC support,
a multiprocessor communication mode, single-wire half-duplex communication mode and
have an LIN Master/Slave capability.
The peripherals also provide hardware management of the CTS and RTS signals,
a Smartcard mode (ISO 7816 compliant) and a SPI-like communication capability. All
interfaces can be served by the DMA controller.
Serial peripheral interface (SPI)
The STCOM embeds 5 SPIs in slave and master modes in full-duplex and simplex
communication modes. The 3-bit prescaler gives 8 master mode frequencies and the frame
is configurable to 8 bits or 16 bits. The hardware CRC generation/verification supports basic
SD Card™/MMC™ modes. All SPIs can be served by the DMA controller.
The SPI interface can be configured to operate in a TI™ mode for communications in
master mode and slave mode.
Controller area network (CAN)
The STCOM embeds 2 CAN modules able to perform communication according to the CAN
protocol version 2.0 part A and B. The bitrate can be programmed to values up to
1 MBit/s. For communication on a CAN network, individual message objects are configured.
Each message object has its own identifier mask. The message objects and identifier masks
are stored in the 256 byte size message RAM with a programmable FIFO mode. All
functions concerning the handling of messages are implemented in the message handler.
Those functions are the acceptance filtering, the transfer of messages between the CAN
core and the message RAM, and the handling of transmission requests as well as the
generation of the module interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com