Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCOM10 Datasheet(PDF) 45 Page - STMicroelectronics

Part # STCOM10
Description  Powerline communication and application system-on-chip
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCOM10 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STCOM10 Datasheet HTML 41Page - STMicroelectronics STCOM10 Datasheet HTML 42Page - STMicroelectronics STCOM10 Datasheet HTML 43Page - STMicroelectronics STCOM10 Datasheet HTML 44Page - STMicroelectronics STCOM10 Datasheet HTML 45Page - STMicroelectronics STCOM10 Datasheet HTML 46Page - STMicroelectronics STCOM10 Datasheet HTML 47Page - STMicroelectronics STCOM10 Datasheet HTML 48Page - STMicroelectronics STCOM10 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 58 page
background image
DocID028515 Rev 1
45/58
STCOM
Electrical characteristics
58
4.3
Operating conditions
T(AMB) = -40 to +85 °C, T(J) < 125 °C, PVCC = 18 V unless otherwise specified.
All typical values are referred to T(AMB) = 25 °C.
Power supply characteristics
Table 12. Analog supply characteristics
Symbol
Parameter(1)
Conditions
Min.
Typ. Max. Unit
V(PVCC)
Line driver supply voltage
8
15
18
V
I(PVCC)_RX
Line driver supply current
Rx mode
No load on AVDD_5V
500
A
I(PVCC)_TX
Line driver supply current
Tx mode, no load
No load on AVDD_5V
Dual power amplifier
configuration
40
mA
No load on AVDD_5V
Single power amplifier
configuration
20
mA
V(PVCC)_TH
Line driver supply voltage
turn-on threshold
7V
V(PVCC)_TL
Line driver supply voltage
turn-off threshold
6.5
V
V(PVCC)_HYST
Line driver supply voltage
hysteresis
0.5
V
V(AVDD_5V)
5 V regulator output
voltage , no load
4.5
5
5.5
V
V(AVDD_5V_AFE)_TH
5 V PLC AFE supply
voltage turn-on threshold
4.33
V
V(AVDD_5V_AFE)_TL
5 V PLC AFE supply
voltage turn-off threshold
4.26
V
V(AVDD_5V_AFE)_HYST
5 V PLC AFE supply
voltage hysteresis
60
mV
I(5V)_RX
5 V PLC AFE supply
current Rx mode
See(2)
PGA maximum gain
54
mA
5 V PLC AFE supply
current Rx active mode
See(2)
PGA maximum gain
Rx in progress
61
mA
I(5V)_TX
5 V PLC AFE supply
current Tx mode, no load
See(2)
9mA
I(AVDD_3V3_DAC)
RX
3.3 V PLC AFE supply
current Rx mode
1.6
mA
I(AVDD_3V3_DAC)
TX
3.3 V PLC AFE supply
current Tx mode
DAC full scale current = 4 mA
Sine wave output f = 100 kHz
6mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com