Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCOM10 Datasheet(PDF) 35 Page - STMicroelectronics

Part # STCOM10
Description  Powerline communication and application system-on-chip
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCOM10 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STCOM10 Datasheet HTML 31Page - STMicroelectronics STCOM10 Datasheet HTML 32Page - STMicroelectronics STCOM10 Datasheet HTML 33Page - STMicroelectronics STCOM10 Datasheet HTML 34Page - STMicroelectronics STCOM10 Datasheet HTML 35Page - STMicroelectronics STCOM10 Datasheet HTML 36Page - STMicroelectronics STCOM10 Datasheet HTML 37Page - STMicroelectronics STCOM10 Datasheet HTML 38Page - STMicroelectronics STCOM10 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image
DocID028515 Rev 1
35/58
STCOM
Pinout and pin description
58
97
RTC_TAMPA
D
I
I
Tamper input A
98
VBAT
S
I
I
2.0 to 3.6 V battery supply input
99
DVDD_3 V3_IO
S
I
I
I/O 3.3 V supply
100
OSC32_OUT
A
-
-
32 kHz oscillator output
101
OSC32_IN
A
-
-
32 kHz oscillator input
102
ADC_VREFN
A
I
I
General purpose ADC negative reference voltage input
103
ADC_VREFP
A
I
I
General purpose ADC positive reference voltage input
104
GPIO08_5
D
I/O
I
General purpose I/O, ADC_MUX_VIN_5, SPI3_SSn,
USART2_SCLK
105
GPIO08_4
D
I/O
I
General purpose I/O, ADC_MUX_VIN_4, SPI3_SCLK
106
GPIO08_3
D
I/O
I
General purpose I/O, ADC_MUX_VIN_3, USART1_CTS,
SPI3_MISO
107
GPIO08_2
D
I/O
I
General purpose I/O, ADC_MUX_VIN_2, USART1_RTS,
SPI3_MOSI
108
GPIO08_1
D
I/O
I
General purpose I/O, ADC_MUX_VIN_1, USART1_RXD,
I2C1_SCL
109
GPIO08_0
D
I/O
I
General purpose I/O, ADC_MUX_VIN_0, USART1_TXD,
I2C1_SDA, AT1_ETR
110
GPIO07_7
D
I/O
I
General purpose I/O, AT1_CHN_3, SPI1_SCLK
111
GPIO07_6
D
I/O
I
General purpose I/O, AT1_CHN_2, SPI1_MISO
112
GPIO07_5
D
I/O
I
General purpose I/O, AT1_CHN_1, SPI1_MOSI
113
GPIO07_4
D
I/O
I
General purpose I/O, AT1_CH_4, SPI1_SSn
114
GPIO07_3
D
I/O
I
General purpose I/O, AT1_CH_3
115
GPIO07_2
D
I/O
I
General purpose I/O, AT1_CH_2
116
GPIO07_1
D
I/O
I
General purpose I/O, AT1_CH_1, CAN0_RX
117
GPIO07_0
D
I/O
I
General purpose I/O, AT1_BKIN, CAN0_TX
118
GPIO06_7
D
I/O
I
General purpose I/O, SPI4_SSn, ETM_SWO
119
GPIO06_6
D
I/O
I
General purpose I/O, SPI4_SCLK, ETM_DATA_3
120
GPIO06_5
D
I/O
I
General purpose I/O, SPI4_MISO, ETM_DATA_2
121
GPIO06_4
D
I/O
I
General purpose I/O, SPI4_MOSI, ETM_DATA_1
122
GPIO06_3
D
I/O
I
General purpose I/O, USART3_CTS, I2C1_SCL,
ETM_DATA_0
123
GPIO06_2
D
I/O
I
General purpose I/O, USART3_RTS, I2C1_SDA,
ETM_CLKOUT
124
GPIO06_1
D
I/O
I
General purpose I/O, USART3_RXD, I2C1_SMBA,
I2C2_SCL
125
GPIO06_0
D
I/O
I
General purpose I/O, USART3_TXD, I2C2_SDA
126
GPIO05_7
D
I/O
I
General purpose I/O, USART3_SCLK, I2C2_SMBA
Table 7. Pin description (continued)
Pin
Pin name
Type(1) Dir.(2) RS(3)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com