Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCOM10 Datasheet(PDF) 50 Page - STMicroelectronics

Part # STCOM10
Description  Powerline communication and application system-on-chip
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCOM10 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STCOM10 Datasheet HTML 46Page - STMicroelectronics STCOM10 Datasheet HTML 47Page - STMicroelectronics STCOM10 Datasheet HTML 48Page - STMicroelectronics STCOM10 Datasheet HTML 49Page - STMicroelectronics STCOM10 Datasheet HTML 50Page - STMicroelectronics STCOM10 Datasheet HTML 51Page - STMicroelectronics STCOM10 Datasheet HTML 52Page - STMicroelectronics STCOM10 Datasheet HTML 53Page - STMicroelectronics STCOM10 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 58 page
background image
Electrical characteristics
STCOM
50/58
DocID028515 Rev 1
4.4
PLC analog front-end (AFE) and line driver characteristics
4.4.1
Line driver characteristics
Table 23. Line driver characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
V(PAx_OUT)
BIAS
Power amplifier output
Bias voltage
- Rx mode
PVCC/2
V
GBWP
Power amplifier
Gain-bandwidth product
149
MHz
I(PAx_OUT)
MAX
Power amplifier
Maximum output current
1000
mA rms
V(PAx_OUT)
HD2
Power amplifier output
2nd harmonic distortion
VCC = 18 V,
V(PA_OUT) = 13 Vpp,
Rload = 50 Ω,
f = 100 kHz
V(PA_OUT) DC = PVCC/2
-64
dBc
V(PAx_OUT)
HD3
Power amplifier output
3rd harmonic distortion
-67
dBc
V(PAx_OUT)
THD
Power amplifier output
Total harmonic distortion
-61
dB
V(PAx_OUT)
HD2
Power amplifier output
2nd harmonic distortion
VCC = 18 V,
V(PA_OUT) = 13 Vpp,
Rload = 50 Ω,
f = 500 kHz
V(PA_OUT) DC = PVCC/2
-57
dBc
V(PAx_OUT)
HD3
Power amplifier output
3rd harmonic distortion
-58
dBc
V(PAx_OUT)
THD
Power amplifier output
Total harmonic distortion
-54
dB
C(PAx_INP),
C(PAx_INN)
Power amplifier Input
capacitance
PA_IN+ vs. VSS (see(1))10
pF
PA_IN- vs. VSS (see(1))10
pF
PSRR
Power supply rejection ratio
50 Hz
-100
dB
1 kHz
-88
dB
CSF_RATIO
Ratio between PA_OUT and
CSF output current
106
1. Not tested in production, guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com