Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCOM10 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STCOM10
Description  Powerline communication and application system-on-chip
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCOM10 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STCOM10 Datasheet HTML 28Page - STMicroelectronics STCOM10 Datasheet HTML 29Page - STMicroelectronics STCOM10 Datasheet HTML 30Page - STMicroelectronics STCOM10 Datasheet HTML 31Page - STMicroelectronics STCOM10 Datasheet HTML 32Page - STMicroelectronics STCOM10 Datasheet HTML 33Page - STMicroelectronics STCOM10 Datasheet HTML 34Page - STMicroelectronics STCOM10 Datasheet HTML 35Page - STMicroelectronics STCOM10 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
Pinout and pin description
STCOM
32/58
DocID028515 Rev 1
Table 7. Pin description
Pin
Pin name
Type(1) Dir.(2) RS(3)
Description
1
GPIO00_3
D
I/O
I
General purpose I/O, SPI1_MOSI, AT1_CH_1,
FSMC_PCAD_17
2
GPIO00_2
D
I/O
I
General purpose I/O, SPI1_SS, AT1_BKIN,
FSMC_PCAD_18, USART0_SCLK
3
GPIO00_1
D
I/O
I
General purpose I/O, USART0_CTS, FSMC_PCAD_19
4
DVDD_3 V3_IO
S
I
I
I/O 3.3 V supply
5
GPIO00_0
D
I/O
I
General purpose I/O, USART0_RTS, FSMC_PCAD_20
6
USART0_RXD
D
I
I
USART0_RXD
7
USART0_TXD
D
O
I
USART0_TXD
8
SPI0_SSn
D
OD
I
SPI0_SSn
9
SPI0_SCLK
D
O
I
SPI0_SCLK
10
SPI0_MISO
D
I
I
SPI0_MISO
11
SPI0_MOSI
D
O
I
SPI0_MOSI
12
DVDD_1V2_FLASH
S
I
I
Embedded Flash memory 1.2 V supply
13
DGND
S
-
-
Embedded Flash memory ground
14
DVDD_3 V3_FLASH
S
I
I
Embedded Flash memory 3.3 V supply
15
RESERVED
-
-
Reserved, tie to DGND
16
BOOT0
D
I
I
Boot mode selector pin 0
17
BOOT1
D
I
I
Boot mode selector pin 1
18
JTAG_TRSTn
D
I
I
JTAG test reset - active low
19
JTAG_TDI
D
I
I
JTAG test data input
20
JTAG_TMS
D
I
I
JTAG test mode select input, SWIO
21
JTAG_TCK
D
I
I
JTAG test clock input, SWCLK
22
JTAG_TDO
D
O
I
JTAG test data output, SWV
23
DVDD_1V2_ MCLK
S
I
I
24 MHz oscillator 1.2 V supply
24
DVDD_3 V3_IO
S
I
I
I/O 3.3 V supply
25
MCLK_IN
A
-
-
24 MHz oscillator input
26
MCLK_OUT
A
-
-
24 MHz oscillator output
27
DVDD_3 V3_REG
S
I
I
3.3 V input for the 1.2 V regulator
28
DVDD_1V2
S
I/O
I/O
1.2 V regulator output / external supply input
29
DVDD_1V2_QFS
S
I
I
QFS 1.2 V supply
30
DVDD_3 V3_QFS
S
I
I
QFS 3.3 V supply
31
DGND
S
-
-
QFS ground
32
AVDD_5V_PGA
S
I
I
PGA 5 V supply
33
RX_INN
A
I
I
PGA negative input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com