Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCOM10 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STCOM10
Description  Powerline communication and application system-on-chip
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCOM10 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STCOM10 Datasheet HTML 26Page - STMicroelectronics STCOM10 Datasheet HTML 27Page - STMicroelectronics STCOM10 Datasheet HTML 28Page - STMicroelectronics STCOM10 Datasheet HTML 29Page - STMicroelectronics STCOM10 Datasheet HTML 30Page - STMicroelectronics STCOM10 Datasheet HTML 31Page - STMicroelectronics STCOM10 Datasheet HTML 32Page - STMicroelectronics STCOM10 Datasheet HTML 33Page - STMicroelectronics STCOM10 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 58 page
background image
Description
STCOM
30/58
DocID028515 Rev 1
Table 6 shows the values of the boot pins for each boot mode.
1.13
System reprogrammability
The STCOM supports both in-system and in-application programming (ISP and IAP) modes
through the use of the embedded Flash and an external non-volatile memory (NVM). If the
external NVM contains two firmware copies, it's also possible to roll back to the previous
firmware version in case of firmware malfunctioning. The change of firmware to enable
different functionalities will require a complete reset of the device if the customer does not
implement its own bootloader.
1.13.1
In-system programming (ISP)
The ISP mode allows the user to erase and program the embedded Flash through the JTAG
port. This mode can be inhibited to enhance the security level of the device.
1.13.2
In-application programming (IAP)
The IAP mode allows the application on board to store in an external non-volatile memory
the firmware to be downloaded into the internal embedded Flash. The firmware image in the
NVM is copied into the internal embedded Flash at the power-on. The boot code inside the
device takes care of the integrity check, embedded Flash erasure and programming. IAP
can be done using the power line or by the local upgrade port. The customer can also write
its dedicated bootloader to perform IAP with the activation of a specific security level.
Table 6. Boot modes and BOOT0/1 pin values
Boot mode
Boot mode value
BOOT1
BOOT0
Normal boot
0x2
1
0
Customer OTP write
0x0
0
0
Unlocking
0x1
0
1
Low power
0x3
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com